Electronic Components Datasheet Search
  English  ▼

X  

VS1103 Datasheet(PDF) 24 Page - VLSI Solution Oy

Part # VS1103
Description  VS1103b - MIDI/ADPCM AUDIO CODEC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VLSI [VLSI Solution Oy]
Direct Link  https://www.vlsi.fi/
Logo VLSI - VLSI Solution Oy

VS1103 Datasheet(HTML) 24 Page - VLSI Solution Oy

Back Button VS1103 Datasheet HTML 20Page - VLSI Solution Oy VS1103 Datasheet HTML 21Page - VLSI Solution Oy VS1103 Datasheet HTML 22Page - VLSI Solution Oy VS1103 Datasheet HTML 23Page - VLSI Solution Oy VS1103 Datasheet HTML 24Page - VLSI Solution Oy VS1103 Datasheet HTML 25Page - VLSI Solution Oy VS1103 Datasheet HTML 26Page - VLSI Solution Oy VS1103 Datasheet HTML 27Page - VLSI Solution Oy VS1103 Datasheet HTML 28Page - VLSI Solution Oy Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 61 page
background image
VS1103b Datasheet
6
FUNCTIONAL DESCRIPTION
6.2.2
Supported MIDI Formats
General MIDI and SP-MIDI format 0 files are played. Format 1 and 2 files must be converted
to format 0 by the user. The maximum simultaneous polyphony is 40 (peak polyphony 64).
Actual polyphony depends on the internal clock rate (which is user-selectable), the instruments
used, and the possible postprocessing effects enabled, such as bass and treble enhancers.
The polyphony restriction algorithm makes use of the SP-MIDI MIP table, if present. MIDI
implements click-avoiding smooth note removal.
When run in Real Time RT-Midi mode without other signal paths, 36.86 MHz (3.0× input clock)
achieves 16-26 simultaneous sustained notes. The instantaneous amount of notes can be
larger. 36 MHz is a fair compromise between power consumption and quality, but higher clocks
can be used to increase polyphony. They are also needed if multiple signal paths are used.
Reverb effect can be controlled by the user. In addition to reverb automatic and reverb off
modes, 14 different decay times can be selected. These roughly correspond to different room
sizes. Also, each midi song decides how much effect each instrument gets. Because the reverb
effect uses about 4 MHz of processing power the automatic control enables reverb only when
the internal clock is at least 3.0×.
When EarSpeaker spatial processing is active, MIDI reverb is not used.
VS1103b supports unique instruments in the whole GM1 instrument set and one bank of GM2
percussions.
Version: 1.04, 2018-03-16
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com