Electronic Components Datasheet Search
  English  ▼

X  

VS1103 Datasheet(PDF) 29 Page - VLSI Solution Oy

Part # VS1103
Description  VS1103b - MIDI/ADPCM AUDIO CODEC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VLSI [VLSI Solution Oy]
Direct Link  https://www.vlsi.fi/
Logo VLSI - VLSI Solution Oy

VS1103 Datasheet(HTML) 29 Page - VLSI Solution Oy

Back Button VS1103 Datasheet HTML 25Page - VLSI Solution Oy VS1103 Datasheet HTML 26Page - VLSI Solution Oy VS1103 Datasheet HTML 27Page - VLSI Solution Oy VS1103 Datasheet HTML 28Page - VLSI Solution Oy VS1103 Datasheet HTML 29Page - VLSI Solution Oy VS1103 Datasheet HTML 30Page - VLSI Solution Oy VS1103 Datasheet HTML 31Page - VLSI Solution Oy VS1103 Datasheet HTML 32Page - VLSI Solution Oy VS1103 Datasheet HTML 33Page - VLSI Solution Oy Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 61 page
background image
VS1103b Datasheet
6
FUNCTIONAL DESCRIPTION
4 When mode register write specifies a software reset the worst-case time is 16600 XTALI
cycles.
5 Writing to this register may force internal clock to run at 1.0 × XTALI for a while. Thus it is not
a good idea to send SCI or SDI bits while this register update is in progress.
Note: it is not allowed to do an SCI operation while DREQ is low. If this is done, however,
DREQ stays low even after the SCI operation has been processed.
6.6.1
SCI_MODE (RW)
SCI_MODE is used to control the operation of VS1103b and defaults to 0x0800 (SM_SDINEW
set).
SCI_MODE bits
Name
Bit
Function
Value
Description
SM_DIFF
0
Differential
0
normal in-phase audio
1
left channel inverted
SM_RECORD_PATH
1
Choose ADPCM recording
0
A/D stream
path
1
Mixer output
SM_RESET
2
Soft reset
0
no reset
1
reset
SM_OUTOFMIDI
3
Cancel MIDI decoding
0
no
1
yes
SM_PDOWN
4
Powerdown
0
power on
1
powerdown
SM_TESTS
5
Allow SDI tests
0
not allowed
1
allowed
SM_ICONF
7:6
Input configuration
0
SDI MIDI, SCI ADPCM
1
SCI MIDI, SDI ADPCM
2
UART RT-MIDI, SCI ADPCM
3
UART RT-MIDI, SDI ADPCM
SM_DACT
8
DCLK active edge
0
rising
1
falling
SM_SDIORD
9
SDI bit order
0
MSb first
1
MSb last
SM_SDISHARE
10
Share SPI chip select
0
no
1
yes
SM_SDINEW
11
VS10xx native SPI modes
0
no
1
yes
SM_EARSPEAKER
13:12
Earspeaker setting
0
off
1
low
2
mid
3
high
SM_LINE_IN
14
A/D stream input
0
microphone
selector
1
line in
SM_ADPCM
15
ADPCM recording active
0
no
1
yes
When SM_DIFF is set, the player inverts the left channel output. For a stereo input this creates
virtual surround, and for a mono input this creates a differential left/right signal.
If SM_RECORD_PATH is set, ADPCM recording is performed from the A/D stream at 8 kHz,
otherwise the Mixer output is recorded at 44.1 kHz. This bit is only valid if SM_ADPCM is set.
Version: 1.04, 2018-03-16
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com