Electronic Components Datasheet Search
  English  ▼

X  

PCA9306DC1/DG Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCA9306DC1/DG
Description  Dual bidirectional I2C-bus and SMBus voltage-level translator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9306DC1/DG Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCA9306DC1/DG Datasheet HTML 9Page - NXP Semiconductors PCA9306DC1/DG Datasheet HTML 10Page - NXP Semiconductors PCA9306DC1/DG Datasheet HTML 11Page - NXP Semiconductors PCA9306DC1/DG Datasheet HTML 12Page - NXP Semiconductors PCA9306DC1/DG Datasheet HTML 13Page - NXP Semiconductors PCA9306DC1/DG Datasheet HTML 14Page - NXP Semiconductors PCA9306DC1/DG Datasheet HTML 15Page - NXP Semiconductors PCA9306DC1/DG Datasheet HTML 16Page - NXP Semiconductors PCA9306DC1/DG Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
NXP Semiconductors
PCA9306
Dual bidirectional I2C-bus and SMBus voltage-level translator
A description of the rise time applied to either An or Bn output going from LOW to HIGH
is as follows. When the signal level is LOW, the Ron is at its minimum, so the A and B
sides are essentially one node. They will rise together with an RC time constant that is
the sum of all the capacitance from both sides and the parallel of the resistance from
both sides. As the signal approaches the VCC(A) voltage, the channel resistance goes up
and the waveforms separate, with the B side finishing its rise with the RC time constant
of the B side. The rise to VCC(A) is essentially the same for both sides.
There are some basic guidelines to follow that will help maximize the performance of the
device:
• Keep trace length to a minimum by placing the NVT device close to the processor.
• The signal round trip time on trace should be shorter than the rise or fall time of signal
to reduce reflections.
• The faster the edge of the signal, the higher the chance for ringing.
• The higher drive strength controlled by the pull-up resistor (up to 15 mA), the higher the
frequency the device can use.
The system designer must design the pull-up resistor value based on external current
drive strength and limit the node capacitance (minimize the wire, stub, connector and
trace length) to get the desired operation frequency result.
PCA9306
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
Product data sheet
Rev. 9.3 — 14 November 2022
13 / 38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com