Electronic Components Datasheet Search
  English  ▼

X  

PCA9306DC1/DG Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCA9306DC1/DG
Description  Dual bidirectional I2C-bus and SMBus voltage-level translator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9306DC1/DG Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCA9306DC1/DG Datasheet HTML 3Page - NXP Semiconductors PCA9306DC1/DG Datasheet HTML 4Page - NXP Semiconductors PCA9306DC1/DG Datasheet HTML 5Page - NXP Semiconductors PCA9306DC1/DG Datasheet HTML 6Page - NXP Semiconductors PCA9306DC1/DG Datasheet HTML 7Page - NXP Semiconductors PCA9306DC1/DG Datasheet HTML 8Page - NXP Semiconductors PCA9306DC1/DG Datasheet HTML 9Page - NXP Semiconductors PCA9306DC1/DG Datasheet HTML 10Page - NXP Semiconductors PCA9306DC1/DG Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
NXP Semiconductors
PCA9306
Dual bidirectional I2C-bus and SMBus voltage-level translator
9 Static characteristics
Tamb = -40 °C to +105 °C, unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ[1]
Max
Unit
VIK
input clamping voltage
II = -18 mA; VI(EN) = 0 V
-
-
-1.2
V
IIH
HIGH-level input current
VI = 5 V; VI(EN) = 0 V
-
-
5
μA
Ci(EN)
input capacitance on pin EN
VI = 3 V or 0 V
-
7.1
-
pF
Cio(off)
off-state input/output capacitance
SCLn, SDAn; VO = 3 V or 0
V; VI(EN) = 0 V
-
4
6
pF
Cio(on)
on-state input/output capacitance
SCLn, SDAn; VO = 3 V or 0
V; VI(EN) = 3 V
-
9.3
12.5
pF
SCLn, SDAn; VI = 0 V; IO =
64 mA
[3]
VI(EN) = 4.5 V
-
2.4
5.0
Ω
VI(EN) = 3 V
-
3.0
6.0
Ω
VI(EN) = 2.3 V
-
3.8
8.0
Ω
VI(EN) = 1.5 V
-
15
32
Ω
VI(EN) = 1.5 V
[4] -
32
80
Ω
VI = 2.4 V; IO = 15 mA
VI(EN) = 4.5 V
-
4.8
7.5
Ω
VI(EN) = 3 V
-
46
80
Ω
VI = 1.7 V; IO = 15 mA
Ron
ON-state resistance[2]
VI(EN) = 2.3 V
-
40
80
Ω
Table 7. Static characteristics
[1]
All typical values are at Tamb = 25 °C.
[2]
Measured by the voltage drop between the SCL1 and SCL2, or SDA1 and SDA2 terminals at the indicated current through the switch. ON-state resistance
is determined by the lowest voltage of the two terminals.
[3]
Guaranteed by design.
[4]
For DC, DC1 (VSSOP8) and GD1 (XSON8U) packages only.
10 Dynamic characteristics
Tamb = -40 °C to +105 °C, unless otherwise specified. Values guaranteed by design.
CL = 50 pF
CL = 30 pF
CL = 15 pF
Symbol Parameter
Conditions
Min
Max
Min
Max
Min
Max
Unit
VI(EN) = 3.3 V; VIH = 3.3 V; VIL = 0 V; VM = 1.15 V (see Figure 8)
tPLH
LOW to HIGH
propagation delay
from (input) SCL2 or SDA2
to (output) SCL1 or SDA1
0
2.0
0
1.2
0
0.6
ns
tPHL
HIGH to LOW
propagation delay
from (input) SCL2 or SDA2
to (output) SCL1 or SDA1
0
2.0
0
1.5
0
0.75 ns
VI(EN) = 2.5 V; VIH = 2.5 V; VIL = 0 V; VM = 0.75 V (see Figure 8)
Table 8. Dynamic characteristics (translating down)
PCA9306
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
Product data sheet
Rev. 9.3 — 14 November 2022
7 / 38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com