Electronic Components Datasheet Search
  English  ▼

X  

PCA9306DC1/DG Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PCA9306DC1/DG
Description  Dual bidirectional I2C-bus and SMBus voltage-level translator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9306DC1/DG Datasheet(HTML) 4 Page - NXP Semiconductors

  PCA9306DC1/DG Datasheet HTML 1Page - NXP Semiconductors PCA9306DC1/DG Datasheet HTML 2Page - NXP Semiconductors PCA9306DC1/DG Datasheet HTML 3Page - NXP Semiconductors PCA9306DC1/DG Datasheet HTML 4Page - NXP Semiconductors PCA9306DC1/DG Datasheet HTML 5Page - NXP Semiconductors PCA9306DC1/DG Datasheet HTML 6Page - NXP Semiconductors PCA9306DC1/DG Datasheet HTML 7Page - NXP Semiconductors PCA9306DC1/DG Datasheet HTML 8Page - NXP Semiconductors PCA9306DC1/DG Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
NXP Semiconductors
PCA9306
Dual bidirectional I2C-bus and SMBus voltage-level translator
Type number
Orderable part
number
Package
Packing method
Minimum
order
quantity
Temperature
PCA9306DP1
PCA9306DP1,125
TSSOP8
Reel 7” Q3/T4
*standard mark
3000
Tamb = -40 °C to +105 °C
PCA9306GF
PCA9306GF,115
XSON8
Reel 7” Q1/T1
*standard mark SMD
5000
Tamb = -40 °C to +105 °C
PCA9306JK
PCA9306JKZ
X2SON8
Reel 7” Q1/T1
*standard mark
5000
Tamb = -40 °C to +105 °C
PCA9306GM
PCA9306GM,125
XQFN8
Reel 7” Q3/T4
*standard mark
4000
Tamb = -40 °C to +105 °C
Table 2. Ordering options...continued
[1]
Discontinuation notice 202108009DN - move to PCA9306DC1Z.
[2]
This packing method uses a Static Shielding Bag (SSB) solution. Material should be kept in the sealed bag between uses.
4 Functional diagram
002aab844
SCL1
SDA1
VREF1
GND
3
4
VREF2
2
7
1
6
5
SCL2
SDA2
8
EN
SW
SW
PCA9306
Figure 1. Logic diagram of PCA9306 (positive logic)
5 Pinning information
5.1 Pinning
PCA9306DP1
GND
EN
VREF1
VREF2
SCL1
SCL2
SDA1
SDA2
002aab842
1
2
3
4
6
5
8
7
Figure 2. Pin configuration for TSSOP8
(DP1)
PCA9306DP
GND
EN
VREF1
VREF2
SCL1
SCL2
SDA1
SDA2
002aac373
1
2
3
4
6
5
8
7
Figure 3. Pin configuration for TSSOP8 (DP)
(MSOP8)
PCA9306
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
Product data sheet
Rev. 9.3 — 14 November 2022
4 / 38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com