Electronic Components Datasheet Search
  English  ▼

X  

PCA9306DC1/DG Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCA9306DC1/DG
Description  Dual bidirectional I2C-bus and SMBus voltage-level translator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9306DC1/DG Datasheet(HTML) 5 Page - NXP Semiconductors

  PCA9306DC1/DG Datasheet HTML 1Page - NXP Semiconductors PCA9306DC1/DG Datasheet HTML 2Page - NXP Semiconductors PCA9306DC1/DG Datasheet HTML 3Page - NXP Semiconductors PCA9306DC1/DG Datasheet HTML 4Page - NXP Semiconductors PCA9306DC1/DG Datasheet HTML 5Page - NXP Semiconductors PCA9306DC1/DG Datasheet HTML 6Page - NXP Semiconductors PCA9306DC1/DG Datasheet HTML 7Page - NXP Semiconductors PCA9306DC1/DG Datasheet HTML 8Page - NXP Semiconductors PCA9306DC1/DG Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
NXP Semiconductors
PCA9306
Dual bidirectional I2C-bus and SMBus voltage-level translator
PCA9306DC1
PCA9306DC1/DG
GND
EN
VREF1
VREF2
SCL1
SCL2
SDA1
SDA2
002aab843
1
2
3
4
6
5
8
7
Figure 4. Pin configuration for VSSOP8
(DC1; DC1/DG)
PCA9306D
GND
EN
VREF1
VREF2
SCL1
SCL2
SDA1
SDA2
002aac372
1
2
3
4
6
5
8
7
Figure 5. Pin configuration for SO8
002aac375
SCL2
VREF1
VREF2
SDA2
GND
SCL1
Transparent top view
3
6
1
5
7
2
terminal 1
index area
PCA9306GM
Figure 6. Pin configuration for XQFN8
002aaf393
4
3
2
1
5
6
7
8
PCA9306GF
PCA9306JK
Transparent top view
VREF1
GND
SCL1
VREF2
EN
SCL2
SDA1
SDA2
Figure 7. Pin configuration for XSON8 and
X2SON8 (GF; JK)
5.2 Pin description
Pin
Symbol
SO8, TSSOP8 (MSOP8), TSSOP8,
VSSOP8 (DC1), XQFN8, XSON8,
X2SON8
Description
GND
1
ground (0 V)
VREF1
2
low-voltage side reference supply voltage for
SCL1 and SDA1
SCL1
3
serial clock, low-voltage side; connect to
VREF1 through a pull-up resistor
SDA1
4
serial data, low-voltage side; connect to VREF1
through a pull-up resistor
SDA2
5
serial data, high-voltage side; connect to
VREF2 through a pull-up resistor
SCL2
6
serial clock, high-voltage side; connect to
VREF2 through a pull-up resistor
VREF2
7
high-voltage side reference supply voltage for
SCL2 and SDA2
EN
8
switch enable input; connect to VREF2 and
pull-up through a high resistor
Table 3. Pin description
PCA9306
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
Product data sheet
Rev. 9.3 — 14 November 2022
5 / 38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com