Electronic Components Datasheet Search
  English  ▼

X  

PCA9306DC1/DG Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCA9306DC1/DG
Description  Dual bidirectional I2C-bus and SMBus voltage-level translator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9306DC1/DG Datasheet(HTML) 3 Page - NXP Semiconductors

  PCA9306DC1/DG Datasheet HTML 1Page - NXP Semiconductors PCA9306DC1/DG Datasheet HTML 2Page - NXP Semiconductors PCA9306DC1/DG Datasheet HTML 3Page - NXP Semiconductors PCA9306DC1/DG Datasheet HTML 4Page - NXP Semiconductors PCA9306DC1/DG Datasheet HTML 5Page - NXP Semiconductors PCA9306DC1/DG Datasheet HTML 6Page - NXP Semiconductors PCA9306DC1/DG Datasheet HTML 7Page - NXP Semiconductors PCA9306DC1/DG Datasheet HTML 8Page - NXP Semiconductors PCA9306DC1/DG Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
NXP Semiconductors
PCA9306
Dual bidirectional I2C-bus and SMBus voltage-level translator
3 Ordering information
Package
Type number
Topside
mark
Name
Description
Version
PCA9306D
PCA9306
SO8
plastic small outline package; 8 leads; body width 3.9
mm
SOT96-1
PCA9306DC1[1]
P06
VSSOP8
plastic very thin shrink small outline package; 8 leads;
body width 2.3 mm
SOT765-1
PCA9306DC1/
DG[2]
P06
VSSOP8
plastic very thin shrink small outline package; 8 leads;
body width 2.3 mm
SOT765-1
PCA9306DP
306P
TSSOP8[3]
plastic thin shrink small outline package; 8 leads;
body width 3 mm
SOT505-1
PCA9306DP1[4]
306T
TSSOP8
plastic thin shrink small outline package; 8 leads;
body width 3 mm; lead length 0.5 mm
SOT505-2
PCA9306GF[5]
06
XSON8
extremely thin small outline package; no leads; 8
terminals;
body 1.35 x 1 x 0.5 mm
SOT1089
PCA9306JK
06
X2SON8
extremely thin small outline package; no leads; 8
terminals; body 1.35 x 1 x 0.32 mm
SOT2015-1
PCA9306GM
P6X[6]
XQFN8
plastic extremely thin quad flat package; no leads;
8 terminals; body 1.6 x 1.6 x 0.5 mm
SOT902-2
Table 1. Ordering information
[1]
Same footprint and pinout as the Texas Instruments PCA9306DCU. VSSOP8 transfers to ASEN in dark green - refer to PCN202103046A.
[2]
PCA9306DC1/DG is functionally the same (electrically and mechanically) as the PCA9306DC1 and the Texas Instruments PCA9306DCU. It is produced
in dark green (lead-free and halogen/antimony-free) package material, with a unique orderable part number for customers who desire to order and only
receive dark green package material.
[3]
Also known as MSOP8.
[4]
Same footprint and pinout as the Texas Instruments PCA9306DCT.
[5]
PCA9306GF will be phased out and replaced by PCA9306JK with package version SOT2015-1.
[6]
'X' will change based on date code.
3.1 Ordering options
Type number
Orderable part
number
Package
Packing method
Minimum
order
quantity
Temperature
PCA9306D
PCA9306D,118
SO8
Reel 13” Q1/T1
*standard mark SMD
2500
Tamb = -40 °C to +105 °C
PCA9306DC1,125[1] VSSOP8
Reel 7” Q3/T4
*standard mark
3000
Tamb = -40 °C to +105 °C
PCA9306DC1
PCA9306DC1Z
VSSOP8
Reel 7” Q3/T4
*standard mark SSB
[2]
3000
Tamb = -40 °C to +105 °C
PCA9306DC1/
DG
PCA9306DC1/
DG,125[1]
VSSOP8
Reel 7” Q3/T4
*standard mark
3000
Tamb = -40 °C to +105 °C
PCA9306DP
PCA9306DP,118
TSSOP8
Reel 13” Q1/T1
*standard mark SMD
2500
Tamb = -40 °C to +105 °C
Table 2. Ordering options
PCA9306
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
Product data sheet
Rev. 9.3 — 14 November 2022
3 / 38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com