Electronic Components Datasheet Search
  English  ▼

X  

PCA9306DC1/DG Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PCA9306DC1/DG
Description  Dual bidirectional I2C-bus and SMBus voltage-level translator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9306DC1/DG Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PCA9306DC1/DG Datasheet HTML 6Page - NXP Semiconductors PCA9306DC1/DG Datasheet HTML 7Page - NXP Semiconductors PCA9306DC1/DG Datasheet HTML 8Page - NXP Semiconductors PCA9306DC1/DG Datasheet HTML 9Page - NXP Semiconductors PCA9306DC1/DG Datasheet HTML 10Page - NXP Semiconductors PCA9306DC1/DG Datasheet HTML 11Page - NXP Semiconductors PCA9306DC1/DG Datasheet HTML 12Page - NXP Semiconductors PCA9306DC1/DG Datasheet HTML 13Page - NXP Semiconductors PCA9306DC1/DG Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
NXP Semiconductors
PCA9306
Dual bidirectional I2C-bus and SMBus voltage-level translator
bus controller output can be totem pole or open-drain (pull-up resistors may be required)
and the I2C-bus device output can be totem pole or open-drain (pull-up resistors are
required to pull the SCL2 and SDA2 outputs to Vpu(D)). However, if either output is totem
pole, data must be unidirectional or the outputs must be 3-stateable and be controlled
by some direction-control mechanism to prevent HIGH-to-LOW contentions in either
direction. If both outputs are open-drain, no direction control is needed.
The reference supply voltage (Vref(1)) is connected to the processor core power supply
voltage. When VREF2 is connected through a 200 kΩ resistor to a 3.3 V to 5.5 V Vpu(D)
power supply, and Vref(1) is set between 1.0 V and (Vpu(D) - 1 V), the output of each SCL1
and SDA1 has a maximum output voltage equal to VREF1, and the output of each SCL2
and SDA2 has a maximum output voltage equal to Vpu(D).
Refer to Figure 9.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit
Vbias(ref)(2) reference bias voltage (2)
Vref(1) + 0.6 2.1
5
V
VI(EN)
input voltage on pin EN
Vref(1) + 0.6 2.1
5
V
Vref(1)
reference voltage (1)
0
1.5
4.4
V
Isw(pass)
pass switch current
-
14
-
mA
Iref
reference current
transistor
-
5
-
μA
Tamb
ambient temperature
operating in
free-air
-40
-
+105
°C
Table 10. Application operating conditions
[1]
All typical values are at Tamb = 25 °C.
11.2 How to size pull-up resistor value
Sizing the pull-up resistor on an open-drain bus is specific to the individual application
and is dependent on the following driver characteristics:
• The driver sink current
• The VOL of driver
• The VIL of the driver
• Frequency of operation
The following tables can be used to estimate the pull-up resistor value in different use
cases so that the minimum resistance for the pull-up resistor can be found.
Table 11, Table 12 and Table 13 contain suggested minimum values of pull-up resistors
for the PCA9306 and NVT20xx devices with typical voltage translation levels and drive
currents. The calculated values assume that both drive currents are the same. VOL = VIL
= 0.1 × VCC and accounts for a ±5 % VCC tolerance of the supplies, ±1 % resistor values.
It should be noted that the resistor chosen in the final application should be equal to or
larger than the values shown in Table 11, Table 12 and Table 13 to ensure that the pass
voltage is less than 10 % of the VCC voltage, and the external driver should be able to
sink the total current from both pull-up resistors. When selecting the minimum resistor
value in Table 11, Table 12 or Table 13, the drive current strength that should be chosen
should be the lowest drive current seen in the application and account for any drive
strength current scaling with output voltage. For the GTL devices, the resistance table
should be recalculated to account for the difference in ON resistance and bias voltage
limitations between VCC(B) and VCC(A).
PCA9306
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
Product data sheet
Rev. 9.3 — 14 November 2022
10 / 38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com