Electronic Components Datasheet Search
  English  ▼

X  

PCA9306DC1/DG Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCA9306DC1/DG
Description  Dual bidirectional I2C-bus and SMBus voltage-level translator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9306DC1/DG Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCA9306DC1/DG Datasheet HTML 2Page - NXP Semiconductors PCA9306DC1/DG Datasheet HTML 3Page - NXP Semiconductors PCA9306DC1/DG Datasheet HTML 4Page - NXP Semiconductors PCA9306DC1/DG Datasheet HTML 5Page - NXP Semiconductors PCA9306DC1/DG Datasheet HTML 6Page - NXP Semiconductors PCA9306DC1/DG Datasheet HTML 7Page - NXP Semiconductors PCA9306DC1/DG Datasheet HTML 8Page - NXP Semiconductors PCA9306DC1/DG Datasheet HTML 9Page - NXP Semiconductors PCA9306DC1/DG Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
NXP Semiconductors
PCA9306
Dual bidirectional I2C-bus and SMBus voltage-level translator
6 Functional description
Refer to Figure 1.
6.1 Function table
H = HIGH level; L = LOW level.
Input EN[1]
Function
H
SCL1 = SCL2; SDA1 = SDA2
L
disconnect
Table 4. Function selection (example)
[1]
EN is controlled by the Vbias(ref)(2) logic levels and should be at least 1 V higher than Vref(1) for best translator operation.
7 Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Over operating free-air temperature range.
Symbol
Parameter
Conditions
Min
Max
Unit
Vref(1)
reference voltage (1)
-0.5
+6
V
Vbias(ref)(2) reference bias voltage (2)
-0.5
+6
V
VI
input voltage
-0.5[1]
+6
V
VI/O
voltage on an input/output pin
-0.5[1]
+6
V
Ich
channel current (DC)
-
128
mA
IIK
input clamping current
VI < 0 V
-
-50
mA
Tstg
storage temperature
-65
+150
°C
Table 5. Limiting values
[1]
The input and input/output negative voltage ratings may be exceeded if the input and input/output clamp current ratings
are observed.
8 Recommended operating conditions
Symbol
Parameter
Conditions
Min
Max
Unit
VI/O
voltage on an input/output pin SCL1, SDA1,
SCL2, SDA2
0
5
V
Vref(1)[1]
reference voltage (1)
VREF1
0
5
V
Vbias(ref)(2)[1] reference bias voltage (2)
VREF2
0
5
V
VI(EN)
input voltage on pin EN
0
5
V
Isw(pass)
pass switch current
-
64
mA
Tamb
ambient temperature
operating in free-air
-40
+105
°C
Table 6. Operating conditions
[1]
Vref(1) ≤ Vbias(ref)(2) - 1 V for best results in level shifting applications.
PCA9306
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
Product data sheet
Rev. 9.3 — 14 November 2022
6 / 38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com