Electronic Components Datasheet Search
  English  ▼

X  

AM69AX Datasheet(PDF) 108 Page - Texas Instruments

Part # AM69AX
Description  AM69Ax Processors, Silicon Revision 1.0
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69AX Datasheet(HTML) 108 Page - Texas Instruments

Back Button AM69AX Datasheet HTML 104Page - Texas Instruments AM69AX Datasheet HTML 105Page - Texas Instruments AM69AX Datasheet HTML 106Page - Texas Instruments AM69AX Datasheet HTML 107Page - Texas Instruments AM69AX Datasheet HTML 108Page - Texas Instruments AM69AX Datasheet HTML 109Page - Texas Instruments AM69AX Datasheet HTML 110Page - Texas Instruments AM69AX Datasheet HTML 111Page - Texas Instruments AM69AX Datasheet HTML 112Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 299 page
background image
Table 6-83. USB0 Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
USB0_ID
A
USB 2.0 Dual-Role Device Role Select
AN17
USB0_RCALIB (1)
A
Pin to connect to calibration resistor
AN18
USB0_VBUS (2)
A
USB Level-shifted VBUS Detector
AN15
USB0_SSRX1N
I
SERDES_USB Differential Receive Data (negative)
AR11, AR17
USB0_SSRX1P
I
SERDES_USB Differential Receive Data (positive)
AR12, AR18
USB0_SSRX2N
I
SERDES_USB Differential Receive Data (negative)
AU11, AU17
USB0_SSRX2P
I
SERDES_USB Differential Receive Data (positive)
AU12, AU18
USB0_SSTX1N
O
SERDES_USB Differential Transmit Data (negative)
AT16, AV9
USB0_SSTX1P
O
SERDES_USB Differential Transmit Data (positive)
AT17, AV10
USB0_SSTX2N
O
SERDES_USB Differential Transmit Data (negative)
AV12, AV18
USB0_SSTX2P
O
SERDES_USB Differential Transmit Data (positive)
AV13, AV19
(1)
An external 500 Ω ±1% resistor must be connected between this pin and VSS, even when the pin is unused
(2)
An external resistor divider is required to limit the voltage applied to the device pin. For more information, see USB VBUS Design
Guidelines.
6.3.17 Display Port
6.3.17.1 MAIN Domain
Table 6-84. DP0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
DP0_AUXN
IO
Display Port Differential Auxiliary Data (negative)
AP22
DP0_AUXP
IO
Display Port Differential Auxiliary Data (positive)
AP23
DP0_HPD
I
Display Port Hot Plug Detection
AC34, AG33, AM37
DP0_TXN0
O
Display Port Differential Transmit (negative)
AP13
DP0_TXN1
O
Display Port Differential Transmit (negative)
AT13
DP0_TXN2
O
Display Port Differential Transmit (negative)
AT16
DP0_TXN3
O
Display Port Differential Transmit (negative)
AV18
DP0_TXP0
O
Display Port Differential Transmit (positive)
AP14
DP0_TXP1
O
Display Port Differential Transmit (positive)
AT14
DP0_TXP2
O
Display Port Differential Transmit (positive)
AT17
DP0_TXP3
O
Display Port Differential Transmit (positive)
AV19
6.3.18 Hyperlink
6.3.18.1 MAIN Domain
Table 6-85. Hyperlink Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
HYP_RXN0
I
Hyperlink RX (negative)
AR14, AR8
HYP_RXN1
I
Hyperlink RX (negative)
AT10, AU14
HYP_RXN2
I
Hyperlink RX (negative)
AR11, AR17
HYP_RXN3
I
Hyperlink RX (negative)
AU11, AU17
HYP_RXP0
I
Hyperlink RX (positive)
AR15, AR9
HYP_RXP1
I
Hyperlink RX (positive)
AT11, AU15
HYP_RXP2
I
Hyperlink RX (positive)
AR12, AR18
HYP_RXP3
I
Hyperlink RX (positive)
AU12, AU18
HYP_TXN0
O
Hyperlink TX0 (negative)
AP13, AT7
HYP_TXN1
O
Hyperlink TX0 (negative)
AP10, AT13
HYP_TXN2
O
Hyperlink TX0 (negative)
AT16, AV9
AM69A
SPRSP92 – FEBRUARY 2023
www.ti.com
108
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AM69A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com