Electronic Components Datasheet Search
  English  ▼

X  

AM69AX Datasheet(PDF) 111 Page - Texas Instruments

Part # AM69AX
Description  AM69Ax Processors, Silicon Revision 1.0
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69AX Datasheet(HTML) 111 Page - Texas Instruments

Back Button AM69AX Datasheet HTML 107Page - Texas Instruments AM69AX Datasheet HTML 108Page - Texas Instruments AM69AX Datasheet HTML 109Page - Texas Instruments AM69AX Datasheet HTML 110Page - Texas Instruments AM69AX Datasheet HTML 111Page - Texas Instruments AM69AX Datasheet HTML 112Page - Texas Instruments AM69AX Datasheet HTML 113Page - Texas Instruments AM69AX Datasheet HTML 114Page - Texas Instruments AM69AX Datasheet HTML 115Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 299 page
background image
Table 6-88. PCIE Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
PCIE_REFCLK3_N_OUT
O
SERDES_PCIE Reference Clock Out Negative
AP7
PCIE_REFCLK3_P_OUT
O
SERDES_PCIE Reference Clock Out Positive
AP8
6.3.20 SERDES
6.3.20.1 MAIN Domain
Table 6-89. SERDES0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
SERDES0_REFCLK_N
IO
Serdes Reference Clock Input/Output (negative)
AU9
SERDES0_REFCLK_P
IO
Serdes Reference Clock Input/Output (positive)
AU8
SERDES0_REXT (1)
I
External Calibration Resistor
AN11
(1)
An external 3.01 kΩ ±1% resistor must be connected between this pin and VSS. No external voltage should be applied to this pin.
Table 6-90. SERDES1 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
SERDES1_REFCLK_N
IO
Serdes Reference Clock Input/Output (negative)
AV3
SERDES1_REFCLK_P
IO
Serdes Reference Clock Input/Output (positive)
AV4
SERDES1_REXT (1)
I
External Calibration Resistor
AL9
(1)
An external 3.01 kΩ ±1% resistor must be connected between this pin and VSS. No external voltage should be applied to this pin.
Table 6-91. SERDES2 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
SERDES2_REFCLK_N
IO
Serdes Reference Clock Input/Output (negative)
AV21
SERDES2_REFCLK_P
IO
Serdes Reference Clock Input/Output (positive)
AV22
SERDES2_REXT (1)
IO
External Calibration Resistor
AL20
(1)
An external 3.01 kΩ ±1% resistor must be connected between this pin and VSS. No external voltage should be applied to this pin.
Table 6-92. SERDES4 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
SERDES4_REFCLK_N
IO
Serdes Reference Clock Input/Output (negative)
AV16
SERDES4_REFCLK_P
IO
Serdes Reference Clock Input/Output (positive)
AV15
SERDES4_REXT (1)
IO
External Calibration Resistor
AM19
(1)
An external 3.01 kΩ ±1% resistor must be connected between this pin and VSS. No external voltage should be applied to this pin.
6.3.21 DSI
6.3.21.1 MAIN Domain
Table 6-93. DSI0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
CSI0_TXCLKN
O
CSI Differential Transmit Clock Output (negative)
AP26
CSI0_TXCLKP
O
CSI Differential Transmit Clock Output (positive)
AP25
CSI0_TXN0
O
CSI Differential Transmit Output (negative)
AU27
CSI0_TXN1
O
CSI Differential Transmit Output (negative)
AT26
CSI0_TXN2
O
CSI Differential Transmit Output (negative)
AR27
CSI0_TXN3
O
CSI Differential Transmit Output (negative)
AN24
CSI0_TXP0
O
CSI Differential Transmit Output (positive)
AU26
CSI0_TXP1
O
CSI Differential Transmit Output (positive)
AT25
CSI0_TXP2
O
CSI Differential Transmit Output (positive)
AR26
www.ti.com
AM69A
SPRSP92 – FEBRUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
111
Product Folder Links: AM69A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com