Electronic Components Datasheet Search
  English  ▼

X  

AM69AX Datasheet(PDF) 113 Page - Texas Instruments

Part # AM69AX
Description  AM69Ax Processors, Silicon Revision 1.0
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69AX Datasheet(HTML) 113 Page - Texas Instruments

Back Button AM69AX Datasheet HTML 109Page - Texas Instruments AM69AX Datasheet HTML 110Page - Texas Instruments AM69AX Datasheet HTML 111Page - Texas Instruments AM69AX Datasheet HTML 112Page - Texas Instruments AM69AX Datasheet HTML 113Page - Texas Instruments AM69AX Datasheet HTML 114Page - Texas Instruments AM69AX Datasheet HTML 115Page - Texas Instruments AM69AX Datasheet HTML 116Page - Texas Instruments AM69AX Datasheet HTML 117Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 299 page
background image
Table 6-95. CSI0 Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
CSI0_RXRCALIB (1)
A
CSI Pin connected to external resistor for on-chip
resistor calibration
AM28
CSI0_RXN0
I
CSI Differential Receive Input (negative)
AU33
CSI0_RXN1
I
CSI Differential Receive Input (negative)
AT32
CSI0_RXN2
I
CSI Differential Receive Input (negative)
AV31
CSI0_RXN3
I
CSI Differential Receive Input (negative)
AR30
CSI0_RXP0
I
CSI Differential Receive Input (positive)
AU32
CSI0_RXP1
I
CSI Differential Receive Input (positive)
AT31
CSI0_RXP2
I
CSI Differential Receive Input (positive)
AV30
CSI0_RXP3
I
CSI Differential Receive Input (positive)
AR29
(1)
An external 500 Ω ±1% resistor must be connected between this pin and VSS, even when the pin is unused.
Table 6-96. CSI1 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
CSI1_RXCLKN
I
CSI Differential Receive Clock Input (negative)
AP32
CSI1_RXCLKP
I
CSI Differential Receive Clock Input (positive)
AP31
CSI1_RXRCALIB (1)
A
CSI pin connected to external resistor for on-chip
resistor calibration
AL28
CSI1_RXN0
I
CSI Differential Receive Input (negative)
AT35
CSI1_RXN1
I
CSI Differential Receive Input (negative)
AU36
CSI1_RXN2
I
CSI Differential Receive Input (negative)
AR33
CSI1_RXN3
I
CSI Differential Receive Input (negative)
AV34
CSI1_RXP0
I
CSI Differential Receive Input (positive)
AT34
CSI1_RXP1
I
CSI Differential Receive Input (positive)
AU35
CSI1_RXP2
I
CSI Differential Receive Input (positive)
AR32
CSI1_RXP3
I
CSI Differential Receive Input (positive)
AV33
(1)
An external 500 Ω ±1% resistor must be connected between this pin and VSS, even when the pin is unused.
Table 6-97. CSI2 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
CSI2_RXCLKN
I
CSI Differential Receive Clock Input (negative)
AN32
CSI2_RXCLKP
I
CSI Differential Receive Clock Input (positive)
AN33
CSI2_RXRCALIB (1)
A
CSI Pin connected to external resistor for on-chip
resistor calibration
AM31
CSI2_RXN0
I
CSI Differential Receive Input (negative)
AR36
CSI2_RXN1
I
CSI Differential Receive Input (negative)
AT38
CSI2_RXN2
I
CSI Differential Receive Input (negative)
AP35
CSI2_RXN3
I
CSI Differential Receive Input (negative)
AV37
CSI2_RXP0
I
CSI Differential Receive Input (positive)
AR35
CSI2_RXP1
I
CSI Differential Receive Input (positive)
AT37
CSI2_RXP2
I
CSI Differential Receive Input (positive)
AP34
CSI2_RXP3
I
CSI Differential Receive Input (positive)
AV36
(1)
An external 500 Ω ±1% resistor must be connected between this pin and VSS, even when the pin is unused.
www.ti.com
AM69A
SPRSP92 – FEBRUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
113
Product Folder Links: AM69A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com