Electronic Components Datasheet Search
  English  ▼

X  

AM69AX Datasheet(PDF) 134 Page - Texas Instruments

Part # AM69AX
Description  AM69Ax Processors, Silicon Revision 1.0
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69AX Datasheet(HTML) 134 Page - Texas Instruments

Back Button AM69AX Datasheet HTML 130Page - Texas Instruments AM69AX Datasheet HTML 131Page - Texas Instruments AM69AX Datasheet HTML 132Page - Texas Instruments AM69AX Datasheet HTML 133Page - Texas Instruments AM69AX Datasheet HTML 134Page - Texas Instruments AM69AX Datasheet HTML 135Page - Texas Instruments AM69AX Datasheet HTML 136Page - Texas Instruments AM69AX Datasheet HTML 137Page - Texas Instruments AM69AX Datasheet HTML 138Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 299 page
background image
7 Specifications
7.1 Absolute Maximum Ratings
over operating free–air temperature range (unless otherwise noted)(1) (2)
PARAMETER
MIN
MAX
UNIT
VDD_*(3)
Core supplies
–0.3
1.05
V
VDDAR_*(3)
RAM supplies
–0.3
1.05
V
VDDA_0P8_*(3)
Analog supplies for 0.8V domains
–0.3
1.05
V
VDDA_1P8_*(3)
Analog supplies for 1.8 V PHY domains
–0.3
2.2
V
VDDA_3P3_USB
Analog supply for 3.3V USB domain
–0.3
3.8
V
VDDA_*(3)
Analog supply for 1.8V PLL and other domains
–0.3
2.2
V
VDDS_DDR_*(3)
DDR inteface power supplies
–0.3
1.2
V
VDDS_MMC0
MMC0 IO supply
–0.3
2.2
V
VDDSHV*(3)
Dual Voltage LVCMOS IO supplies 1.8 V
–0.3
2.2
V
3.3 V
–0.3
3.8
VPP_CORE VPP MCU
Supply voltage range for EFUSE domains
–0.3
1.89
V
USB0_VBUS(9)
Voltage range for USB VBUS comparator input
–0.3
3.6
V
Steady State Max. Voltage at all fail–safe IO pins
I2C0_SCL,
I2C0_SDA,
WKUP_I2C0_SC
L,
WKUP_I2C0_SD
A,
MCU_I2C0_SCL,
MCU_I2C0_SDA,
EXTINTn
–0.3
3.8
V
MCU_PORz,
PORz
–0.3
3.8
V
Steady State Max. Voltage at all other IO pins(4)
VMON1_ER_VSY
S(8),
VMON3_IR_VEX
T1P8,
VMON4_IR_VEX
T1P8
–0.3
2.2
V
VMON2_IR_VCP
U
–0.3
1.05
V
VMON5_IR_VEX
T3P3
–0.3
3.8
V
All other IO pins
–0.3 IO supply voltage + 0.3
V
Transient Overshoot and Undershoot specification at IO pin
20% of IO supply
voltage for up
to 20% of signal
period
Figure 7-1 (see
IO Transient
Voltage Ranges)
0.2 × VDD(7)
V
Latch–up Performance, Class II (125°C)(5)
I–Test
–100
100
mA
Over–Voltage
(OV) Test
NA
1.5 × VDD(7)
V
TSTG (6)
Storage
temperature
–55
+150
°C
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute Maximum Ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Section 7.4. If used outside the
Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not be fully functional, and this may
affect device reliability, functionality, performance, and shorten the device lifetime.
(2)
All voltage values are with respect to their associated VSS or VSSA_x, unless otherwise noted.
AM69A
SPRSP92 – FEBRUARY 2023
www.ti.com
134
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AM69A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com