Electronic Components Datasheet Search
  English  ▼

X  

AM69AX Datasheet(PDF) 132 Page - Texas Instruments

Part # AM69AX
Description  AM69Ax Processors, Silicon Revision 1.0
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69AX Datasheet(HTML) 132 Page - Texas Instruments

Back Button AM69AX Datasheet HTML 128Page - Texas Instruments AM69AX Datasheet HTML 129Page - Texas Instruments AM69AX Datasheet HTML 130Page - Texas Instruments AM69AX Datasheet HTML 131Page - Texas Instruments AM69AX Datasheet HTML 132Page - Texas Instruments AM69AX Datasheet HTML 133Page - Texas Instruments AM69AX Datasheet HTML 134Page - Texas Instruments AM69AX Datasheet HTML 135Page - Texas Instruments AM69AX Datasheet HTML 136Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 299 page
background image
Table 6-124. Connectivity Requirements (AHP) (continued)
BALL
NUMBER
BALL NAME
CONNECTION REQUIREMENT
G36
MCU_RESETZ
Each of these balls must be connected to the corresponding power supply
through a separate external pull resistor to ensure these balls are held to a valid
logic high level, if unused.
K32
MCU_PORZ
P33
PORZ
F34
RESET_REQZ
G35
TCK
AL36
TMS
G34
MCU_I2C0_SDA
M35
MCU_I2C0_SCL
N33
WKUP_I2C0_SCL
N35
WKUP_I2C0_SDA
AN36
I2C0_SCL
AP37
I2C0_SDA
AN35
EXTINTN
AL37
TDI
AL35
TDO
F35
EMU0
H34
EMU1
V1
DDR0_DQS0N
Y1
DDR0_DQS1N
AE1
DDR0_DQS2N
AH1
DDR0_DQS3N
A17
DDR1_DQS0N
A14
DDR1_DQS1N
A9
DDR1_DQS2N
A4
DDR1_DQS3N
R1
DDR2_DQS0N
M1
DDR2_DQS1N
G1
DDR2_DQS2N
D1
DDR2_DQS3N
A19
DDR3_DQS0N
A22
DDR3_DQS1N
A27
DDR3_DQS2N
A30
DDR3_DQS3N
R35
MCU_ADC0_REFP
If the MCU_ADCn interface is not used, these signals should be connected to the
same power supply as the VDDA_ADCn supply input.
AA35
MCU_ADC1_REFP
U35
MCU_ADC0_REFN
If the MCU_ADCn interface is not used, these signals should be connected to
VSS.
W35
MCU_ADC1_REFN
L29
VPP_MCU
Each of these balls must be left unconnected, if unused.
AA31
VPP_CORE
AJ7
MMC0_CALPAD
Table 6-125 shows the specific connection requirements for the RESERVED ball numbers on the device.
AM69A
SPRSP92 – FEBRUARY 2023
www.ti.com
132
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AM69A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com