Electronic Components Datasheet Search
  English  ▼

X  

AM69AX Datasheet(PDF) 129 Page - Texas Instruments

Part # AM69AX
Description  AM69Ax Processors, Silicon Revision 1.0
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69AX Datasheet(HTML) 129 Page - Texas Instruments

Back Button AM69AX Datasheet HTML 125Page - Texas Instruments AM69AX Datasheet HTML 126Page - Texas Instruments AM69AX Datasheet HTML 127Page - Texas Instruments AM69AX Datasheet HTML 128Page - Texas Instruments AM69AX Datasheet HTML 129Page - Texas Instruments AM69AX Datasheet HTML 130Page - Texas Instruments AM69AX Datasheet HTML 131Page - Texas Instruments AM69AX Datasheet HTML 132Page - Texas Instruments AM69AX Datasheet HTML 133Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 299 page
background image
Table 6-123. Power Supply Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
B38, B6, B9, C14, C17,
C18, C2, C21, C27, C30,
C4, C8, D10, D15, D20,
D23, D28, D3, D35, D6,
D7, E12, E13, E16, E19,
E2, E22, E25, E26, E29,
E31, E5, E9, F1, F11, F14,
F17, F21, F24, F27, F30,
F4, F7, F8, G15, G18,
G20, G28, G3, G6, H10,
H16, H18, H2, H20, H22,
H24, H26, H28, H30, H31,
H5, H7, H8, J1, J11, J13,
J15, J17, J19, J21, J23,
J25, J27, J29, J32, J4,
J9, K10, K12, K14, K16,
K18, K2, K20, K22, K24,
K26, K6, K8, L1, L11, L13,
L19, L21, L23, L31, L5,
L9, M16, M2, M20, M22,
M24, M29, M30, M32, M5,
M8, N15, N17, N19, N21,
N25, N3, N31, N32, N38,
N6, N9, P1, P10, P16,
P18, P20, P22, P24, P26,
P30, P32, P35, P37, P4,
P7, P8, R11, R13, R15,
R17, R19, R2, R23, R25,
R27, R32, R34, R36, R38,
R5, R9, T12, T14, T16,
T18, T20, T22, T24, T26,
T28, T3, T31, T33, T35,
T37, T6, T8, U13, U19,
U21, U23, U25, U27, U3,
U30, U32, U34, U36, U38,
U6, U9, V10, V12, V2,
V20, V22, V24, V26, V28,
V31, V33, V35, V37, V5,
V8, W1, W11, W13, W19,
W25, W27, W29, W34,
W36, W38, W4, W7, W9,
Y10, Y12, Y14, Y20, Y22,
Y24, Y3, Y30, Y32, Y33,
Y35, Y37, Y6, Y8
(1)
This pin must always be connected via a 1-μF ±10% capacitor to VSS.
6.4 Pin Connectivity Requirements
This section describes connectivity requirements for package balls that have specific connectivity requirements
and unused package balls.
Note
All power balls must be supplied with the voltages specified in the Recommended Operating
Conditions section, unless otherwise specified in Signal Descriptions.
Note
For additional clarification, "leave unconnected" or "no connect" (NC) means no signal traces can be
connected to these device ball number.
Table 6-124 shows the connectivity requirements for specific signals by ball name and ball number.
www.ti.com
AM69A
SPRSP92 – FEBRUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
129
Product Folder Links: AM69A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com