Electronic Components Datasheet Search
  English  ▼

X  

AM69AX Datasheet(PDF) 126 Page - Texas Instruments

Part # AM69AX
Description  AM69Ax Processors, Silicon Revision 1.0
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69AX Datasheet(HTML) 126 Page - Texas Instruments

Back Button AM69AX Datasheet HTML 122Page - Texas Instruments AM69AX Datasheet HTML 123Page - Texas Instruments AM69AX Datasheet HTML 124Page - Texas Instruments AM69AX Datasheet HTML 125Page - Texas Instruments AM69AX Datasheet HTML 126Page - Texas Instruments AM69AX Datasheet HTML 127Page - Texas Instruments AM69AX Datasheet HTML 128Page - Texas Instruments AM69AX Datasheet HTML 129Page - Texas Instruments AM69AX Datasheet HTML 130Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 299 page
background image
Table 6-123. Power Supply Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
VDDA_1P8_CSIRX2
PWR
Analog Supply for CSIRX
AH29, AJ29
VDDA_1P8_CSIRX0_1
PWR
Analog Supply for CSIRX
AH27, AH28
VDDA_1P8_SERDES2
PWR
SERDES 1.8V Supply
AH21
VDDA_1P8_SERDES4
PWR
SERDES 1.8V Supply
AH17
VDDA_1P8_SERDES0_1
PWR
SERDES 1.8V Supply
AJ13, AJ14
VDDA_1P8_SERDES2_4
PWR
SERDES 1.8V Supply
AJ23
VDDA_3P3_USB
PWR
USB 3.3V Supply
AJ19
VDDA_ADC0
PWR
ADC0 Analog Supply
M31
VDDA_ADC1
PWR
ADC1 Analog Supply
N30
VDDA_MCU_PLLGRP0
PWR
Analog Supply for MCU PLL Group 0
M28
VDDA_MCU_TEMP
PWR
Analog Supply for MCU temperature sensor
M26
VDDA_OSC1
PWR
HFOSC1 Supply
N29
VDDA_PLLGRP0
PWR
Analog Supply for MAIN PLL Group 0
AA27
VDDA_PLLGRP1
PWR
Analog Supply for MAIN PLL Group 1
Y28
VDDA_PLLGRP2
PWR
Analog Supply for MAIN PLL Group 2
AG13
VDDA_PLLGRP5
PWR
Analog Supply for MAIN PLL Group 5
V14
VDDA_PLLGRP6
PWR
Analog Supply for MAIN PLL Group 6
R21
VDDA_PLLGRP7
PWR
Analog Supply for MAIN PLL Group 7
P12
VDDA_PLLGRP8
PWR
Analog Supply for MAIN PLL Group 8
P15
VDDA_PLLGRP9
PWR
Analog Supply for MAIN PLL Group 9
Y26
VDDA_PLLGRP10
PWR
Analog Supply for MAIN PLL Group 10
AG23
VDDA_PLLGRP12
PWR
Analog Supply for MAIN PLL Group 12
AA23
VDDA_PLLGRP13
PWR
Analog Supply for MAIN PLL Group 13
AB26
VDDA_POR_WKUP
PWR
WKUP domain Analog Supply
N28
VDDA_TEMP0
PWR
Analog Supply for temperature sensor 0
Y27
VDDA_TEMP1
PWR
Analog Supply for temperature sensor 1
M12
VDDA_TEMP2
PWR
Analog Supply for temperature sensor 2
W23
VDDA_TEMP3
PWR
Analog Supply for temperature sensor 3
AE13
VDDA_TEMP4
PWR
Analog Supply for temperature sensor 4
AD18
VDDA_WKUP
PWR
Oscillator Supply for WKUP domain
K31, L32
VDDSHV0
PWR
IO Power Supply
V30, V32, W31
VDDSHV0_MCU
PWR
IO Power Supply
H29, J28, K29
VDDSHV1_MCU
PWR
IO Power Supply
H25, J24, K25
VDDSHV2
PWR
IO Power Supply
T30, T32, U31
VDDSHV2_MCU
PWR
IO Power Supply
H27, J26, K27
VDDSHV5
PWR
IO Power Supply
P31, R30, R31
VDDS_DDR
PWR
DDR PHY IO Supply
A31, AK1, B1, H11, H13,
H15, H17, H19, H9, J10,
J12, J14, J16, J18, J8,
K11, K13, K15, K17, K19,
K9, L10, L12, L14, L16,
L18, M9, N10, N8, P9,
R10, R8, T9, U10, U8
VDDS_DDR_C0
PWR
IO Power Supply for DDR Clock
T10
VDDS_DDR_C1
PWR
IO Power Supply for DDR Clock
L15
VDDS_DDR_C2
PWR
IO Power Supply for DDR Clock
M10
VDDS_DDR_C3
PWR
IO Power Supply for DDR Clock
L17
AM69A
SPRSP92 – FEBRUARY 2023
www.ti.com
126
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AM69A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com