Electronic Components Datasheet Search
  English  ▼

X  

AM69AX Datasheet(PDF) 125 Page - Texas Instruments

Part # AM69AX
Description  AM69Ax Processors, Silicon Revision 1.0
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69AX Datasheet(HTML) 125 Page - Texas Instruments

Back Button AM69AX Datasheet HTML 121Page - Texas Instruments AM69AX Datasheet HTML 122Page - Texas Instruments AM69AX Datasheet HTML 123Page - Texas Instruments AM69AX Datasheet HTML 124Page - Texas Instruments AM69AX Datasheet HTML 125Page - Texas Instruments AM69AX Datasheet HTML 126Page - Texas Instruments AM69AX Datasheet HTML 127Page - Texas Instruments AM69AX Datasheet HTML 128Page - Texas Instruments AM69AX Datasheet HTML 129Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 299 page
background image
6.3.32.5 VMON
Table 6-122. VMON Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
VMON1_ER_VSYS
Voltage Monitor, fixed 0.45V (+/-3%) threshold. Use
with external precision voltage divider to monitor a
higher voltage rail such as the PMIC input supply.
K28
VMON2_IR_VCPU
Must be externally connected directly to VDD_CPU
N27
VMON3_IR_VEXT1P8
General purpose voltage monitor for external supplies,
1.8V threshold. With internal resistor divider.
J30
VMON4_IR_VEXT1P8
General purpose voltage monitor for external supplies,
1.8V threshold. With internal resistor divider.
P28
VMON5_IR_VEXT3P3
General purpose voltage monitor for external supplies,
3.3V threshold. With internal resistor divider.
R29
6.3.33 Power
Table 6-123. Power Supply Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
CAP_VDDS0 (1)
CAP
External Capacitor Connection
V29
CAP_VDDS0_MCU (1)
CAP
External Capacitor Connection
L27
CAP_VDDS1_MCU (1)
CAP
External Capacitor Connection
L25
CAP_VDDS2 (1)
CAP
External Capacitor Connection
T29
CAP_VDDS2_MCU (1)
CAP
External Capacitor Connection
L26
CAP_VDDS5 (1)
CAP
External Capacitor Connection
P29
VDDAR_CORE
PWR
Core RAM Supply
AB27, AC24, AF15, AF18,
AF21, AG11, AG28, T25
VDDAR_CPU
PWR
CPU RAM Supply
AB13, AC16, AC18, AC20,
AE12, M21, N23, T15,
U20, W14, W21, Y11, Y19
VDDAR_MCU
PWR
MCU RAM Supply
M27, N24
VDDA_0P8_DSITX
PWR
Analog Supply for DSITX
AJ24
VDDA_0P8_DSITX_C
PWR
DSITX Clock Supply
AJ25
VDDA_0P8_UFS
PWR
UFS 0.8V Supply
AH11
VDDA_0P8_USB
PWR
USB 0.8V Supply
AK20
VDDA_0P8_CSIRX2
PWR
Analog Supply for CSIRX
AJ28
VDDA_0P8_CSIRX0_1
PWR
Analog Supply for CSIRX
AJ26, AK26
VDDA_0P8_DLL_MMC0
PWR
MMC DLL Analog Supply
AE9
VDDA_0P8_PLL_DDR0
PWR
DDR de-skew PLL Analog Supply
U11
VDDA_0P8_PLL_DDR1
PWR
DDR de-skew PLL Analog Supply
M14
VDDA_0P8_PLL_DDR2
PWR
DDR de-skew PLL Analog Supply
N11
VDDA_0P8_PLL_DDR3
PWR
DDR de-skew PLL Analog Supply
M18
VDDA_0P8_SERDES2
PWR
SERDES 0.8V Supply
AJ20, AJ21
VDDA_0P8_SERDES4
PWR
SERDES 0.8V Supply
AJ17, AJ18
VDDA_0P8_SERDES0_1
PWR
SERDES 0.8V Supply
AJ12, AJ15, AK13, AK14
VDDA_0P8_SERDES_C2
PWR
SERDES 0.8V Clock Supply
AG21, AH20
VDDA_0P8_SERDES_C4
PWR
SERDES 0.8V Clock Supply
AG17, AH18
VDDA_0P8_SERDES_C0_1
PWR
SERDES 0.8V Clock Supply
AH12, AH13, AH15, AH16
VDDA_1P8_DSITX
PWR
Analog Supply for DSITX
AH24, AH25
VDDA_1P8_UFS
PWR
UFS 1.8V Supply
AJ10
VDDA_1P8_USB
PWR
USB 1.8V Supply
AK21
www.ti.com
AM69A
SPRSP92 – FEBRUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
125
Product Folder Links: AM69A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com