Electronic Components Datasheet Search
  English  ▼

X  

AM69AX Datasheet(PDF) 180 Page - Texas Instruments

Part # AM69AX
Description  AM69Ax Processors, Silicon Revision 1.0
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69AX Datasheet(HTML) 180 Page - Texas Instruments

Back Button AM69AX Datasheet HTML 176Page - Texas Instruments AM69AX Datasheet HTML 177Page - Texas Instruments AM69AX Datasheet HTML 178Page - Texas Instruments AM69AX Datasheet HTML 179Page - Texas Instruments AM69AX Datasheet HTML 180Page - Texas Instruments AM69AX Datasheet HTML 181Page - Texas Instruments AM69AX Datasheet HTML 182Page - Texas Instruments AM69AX Datasheet HTML 183Page - Texas Instruments AM69AX Datasheet HTML 184Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 299 page
background image
7.10.4.1.3.2 Shunt Capacitance
The crystal circuit must also be designed such that it does not exceed the maximum shunt capacitance
for OSC1 operating conditions defined in Table 7-23. Shunt capacitance, Cshunt, of the crystal circuit is a
combination of crystal shunt capacitance and parasitic contributions. PCB signal traces which connect crystal
circuit components to OSC1 have mutual parasitic capacitance to each other, CPCBXIXO, where the PCB designer
should be able to extract mutual parasitic capacitance between these signal traces. The device package also
has mutual parasitic capacitance, CXIXO, where this mutual parasitic capacitance value is defined in Table 7-24.
PCB routing should be designed to minimize mutual capacitance between XI and XO signal traces. This is
typically done by keeping signal traces short and not routing them in close proximity. Mutual capacitance can
also be minimized by placing a ground trace between these signals when the layout requires them to be routed
in close proximity. It is important to minimize the mutual capacitance on the PCB to provide as much margin as
possible when selecting a crystal.
J7ES_AUX_OSC_SC_06
Device
OSC1_XO
OSC1_XI
C
PCBXIXO
PCB
Signal Traces
Crystal Circuit
Components
C
XIXO
C
O
Figure 7-31. Shunt Capacitance
A crystal should be chosen such that the below equation is satisfied. CO in the equation is the maximum shunt
capacitance specified by the crystal manufacturer.
Cshunt ≥ CO + CPCBXIXO + CXIXO
For example, the equation would be satisfied when the crystal being used is 25 MHz with an ESR = 30 Ω,
CPCBXIXO = 0.04 pF, CXIXO = 0.01 pF, and shunt capacitance of the crystal is less than or equal to 6.95 pF.
7.10.4.1.4 Auxiliary OSC1 LVCMOS Digital Clock Source
Figure 7-32 shows the recommended oscillator connections when OSC1 is connected to a 1.8-V LVCMOS
square-wave digital clock source.
Note
A DC steady-state condition is not allowed on OSC1_XI when the oscillator is powered up. This is not
allowed because OSC1_XI is internally AC coupled to a comparator that may enter a unknown state
when DC is applied to the input. Therefore, application software should power down OSC1 any time
OSC1_XI is not toggling between logic states.
AM69A
SPRSP92 – FEBRUARY 2023
www.ti.com
180
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AM69A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com