Electronic Components Datasheet Search
  English  ▼

X  

AM69AX Datasheet(PDF) 181 Page - Texas Instruments

Part # AM69AX
Description  AM69Ax Processors, Silicon Revision 1.0
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69AX Datasheet(HTML) 181 Page - Texas Instruments

Back Button AM69AX Datasheet HTML 177Page - Texas Instruments AM69AX Datasheet HTML 178Page - Texas Instruments AM69AX Datasheet HTML 179Page - Texas Instruments AM69AX Datasheet HTML 180Page - Texas Instruments AM69AX Datasheet HTML 181Page - Texas Instruments AM69AX Datasheet HTML 182Page - Texas Instruments AM69AX Datasheet HTML 183Page - Texas Instruments AM69AX Datasheet HTML 184Page - Texas Instruments AM69AX Datasheet HTML 185Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 299 page
background image
Device
OSC1_XO
OSC1_XI
J7ES_AUX_OSC_EXT_09
PCB Ground
Figure 7-32. 1.8-V LVCMOS-Compatible Clock Input
7.10.4.1.5 Auxiliary OSC1 Not Used
Figure 7-33 shows the recommended oscillator connections when OSC1 is not used. OSC1_XI must be
connected to VSS through an external pull resistor (Rpd) to ensure this input is held to a valid low level when
unused since the internal pull-down resistor is disabled by default.
Device
OSC1_XO
OSC1_XI
J7ES_AUX_OSC_NOT_USED_11
Rpd
PCB Ground
NC
Figure 7-33. OSC1 Not Used
7.10.4.2 Output Clocks
The device provides several system clock outputs. Summary of these output clocks are as follows:
• MCU_CLKOUT0
– Reference clock output for Ethernet PHYs (50 MHz or 25 MHz)
• MCU_SYSCLKOUT0
– MCU_SYSCLK0 is divided by 4 and then sent out of the device as a LVCMOS clock signal
(MCU_SYSCLKOUT0). This signal can be used to test if the main chip clock is functioning or not. This
signal should not be used as a clock source for external devices on a board.
• MCU_OBSCLK0
– On the clock output MCU_OBSCLK0, oscillators and PLLs clocks can be observed for tests and debug.
This signal should not be used as a clock source for external devices on a board.
• SYSCLKOUT0
– SYSCLK0 is divided by 4 and then sent out of the device as a LVCMOS clock signal (SYSCLKOUT0).
This signal can be used to test if the main chip clock is functioning or not. This signal should not be used
as a clock source for external devices on a board.
• CLKOUT
www.ti.com
AM69A
SPRSP92 – FEBRUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
181
Product Folder Links: AM69A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com