Electronic Components Datasheet Search
  English  ▼

X  

AM69AX Datasheet(PDF) 192 Page - Texas Instruments

Part # AM69AX
Description  AM69Ax Processors, Silicon Revision 1.0
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69AX Datasheet(HTML) 192 Page - Texas Instruments

Back Button AM69AX Datasheet HTML 188Page - Texas Instruments AM69AX Datasheet HTML 189Page - Texas Instruments AM69AX Datasheet HTML 190Page - Texas Instruments AM69AX Datasheet HTML 191Page - Texas Instruments AM69AX Datasheet HTML 192Page - Texas Instruments AM69AX Datasheet HTML 193Page - Texas Instruments AM69AX Datasheet HTML 194Page - Texas Instruments AM69AX Datasheet HTML 195Page - Texas Instruments AM69AX Datasheet HTML 196Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 299 page
background image
Table 7-32. DPI Timing Conditions
PARAMETER
MIN
MAX
UNIT
INPUT CONDITIONS
SRI
Input slew rate
1.44
26.4
V/ns
OUTPUT CONDITIONS
CL
Output load capacitance
1.5
5
pF
PCB CONNECTIVITY REQUIREMENTS
td(Trace Mismatch Delay)
Propagation delay mismatch
across all traces
100
ps
Table 7-33, Table 7-34, Figure 7-42 and Figure 7-43 assume testing over the recommended operating conditions
and electrical characteristic conditions.
Table 7-33. DPI Video Output Switching Characteristics
NO.(2)
PARAMETER
MIN
MAX
UNIT
D1
tc(pclk)
Cycle time, VOUT(x)_PCLK
6.06
ns
D2
tw(pclkL)
Pulse duration, VOUT(x)_PCLK low
0.475×P(1)
ns
D3
tw(pclkH)
Pulse duration, VOUT(x)_PCLK high
0.475×P(1)
ns
D4
td(pclkV-dataV)
Delay time, VOUT(x)_PCLK transition to VOUT(x)_DATA[23:0]
transition
-0.68
1.78
ns
D5
td(pclkV-ctrlL)
Delay time, VOUT(x)_PCLK transition to control signals
VOUT(x)_VSYNC, VOUT(x)_HSYNC, VOUT(x)_DE falling edge
-0.68
1.78
ns
(1)
P = output VOUT(x)_PCLK period in ns.
(2)
x in VOUT(x) = 1 or 2
VOUT(x)_PCLK
VOUT(x)_VSYNC
VOUT(x)_HSYNC
VOUT(x)_DATA[23:0]
VOUT(x)_DE
data_1 data_2
data_n
D1
D2
D3
D5
D5
D4
D5
DPI_TIMING_01
VOUT
_PCLK
(x)
Falling-edge Clock Reference
Rising-edge Clock Reference
A.
The configuration of assertion of the data can be programmed on the falling or rising edge of the pixel clock.
B.
The polarity and the pulse width of VOUT(x)_HSYNC and VOUT(x)_VSYNC are programmable, refer to Display Subsystem (DSS)
section in Peripherals chapter in the device TRM.
C.
The VOUT(x)_PCLK frequency can be configured, refer to Display Subsystem section in Peripherals chapter in the device TRM.
D.
x in VOUT(x) = 1 or 2.
Figure 7-42. DPI Video Output
AM69A
SPRSP92 – FEBRUARY 2023
www.ti.com
192
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AM69A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com