Electronic Components Datasheet Search
  English  ▼

X  

AM69AX Datasheet(PDF) 194 Page - Texas Instruments

Part # AM69AX
Description  AM69Ax Processors, Silicon Revision 1.0
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69AX Datasheet(HTML) 194 Page - Texas Instruments

Back Button AM69AX Datasheet HTML 190Page - Texas Instruments AM69AX Datasheet HTML 191Page - Texas Instruments AM69AX Datasheet HTML 192Page - Texas Instruments AM69AX Datasheet HTML 193Page - Texas Instruments AM69AX Datasheet HTML 194Page - Texas Instruments AM69AX Datasheet HTML 195Page - Texas Instruments AM69AX Datasheet HTML 196Page - Texas Instruments AM69AX Datasheet HTML 197Page - Texas Instruments AM69AX Datasheet HTML 198Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 299 page
background image
7.10.5.6.1 Timing Requirements for eCAP
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
CAP1
tw(cap)
Pulse duration, CAP (asynchronous)
2 + 2P(1)
ns
(1)
P = sysclk
CAP
CAP1
EPERIPHERALS_TIMNG_01
Figure 7-44. eCAP Input Timings
7.10.5.6.2 Switching Characteristics for eCAP
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
CAP2
tw(apwm)
Pulse duration, APWM
–2 + 2P(1)
ns
(1)
P = sysclk
APWM
CAP2
EPERIPHERALS_TIMNG_02
Figure 7-45. eCAP Output Timings
For more information, see Enhanced Capture (ECAP) Module section in Peripherals chapter in the device TRM.
7.10.5.7 EPWM
The supported features by the device EPWM are:
• Dedicated 16-bit time-base counter with period and frequency control
• Two independent PWM outputs which can be used in different configurations (with single-edge operation,
with dual-edge symmetric operation or one independent PWM output with dual-edge asymmetric operation)
• Asynchronous override control of PWM signals during fault conditions
• Programmable phase-control support for lag or lead operation relative to other EPWM modules
• Dead-band generation with independent rising and falling edge delay control
• Programmable trip zone allocation of both latched and un-latched fault conditions
• Events enabling to trigger both CPU interrupts and start of ADC conversions
Table 7-36 represents EPWM timing conditions.
Table 7-36. EPWM Timing Conditions
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
INPUT CONDITIONS
SRI
Input slew rate
1
4
V/ns
OUTPUT CONDITIONS
CL
Output load capacitance
2
7
pF
Section 7.10.5.7.2, Section 7.10.5.7.1 and present timing and switching characteristics for eHRPWM (see Figure
7-47, Figure 7-48, Figure 7-49, and Figure 7-46).
AM69A
SPRSP92 – FEBRUARY 2023
www.ti.com
194
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AM69A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com