Electronic Components Datasheet Search
  English  ▼

X  

AM69AX Datasheet(PDF) 226 Page - Texas Instruments

Part # AM69AX
Description  AM69Ax Processors, Silicon Revision 1.0
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69AX Datasheet(HTML) 226 Page - Texas Instruments

Back Button AM69AX Datasheet HTML 222Page - Texas Instruments AM69AX Datasheet HTML 223Page - Texas Instruments AM69AX Datasheet HTML 224Page - Texas Instruments AM69AX Datasheet HTML 225Page - Texas Instruments AM69AX Datasheet HTML 226Page - Texas Instruments AM69AX Datasheet HTML 227Page - Texas Instruments AM69AX Datasheet HTML 228Page - Texas Instruments AM69AX Datasheet HTML 229Page - Texas Instruments AM69AX Datasheet HTML 230Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 226 / 299 page
background image
4. This maximum High period may be exceeded when the signals can be safely seen by Legacy I2C Devices,
and/or in consideration of the interconnect (for example: a short Bus).
5. On a Legacy Bus where I2C Devices need to see Start, the tCAS Min value is further constrained.
6. Targets that do not support the optional ENTASx CCCs shall use the tCAS Max value shown for ENTAS3.
7. On a Mixed Bus with Fm Legacy I2C Devices, tAVAL is 300ns shorter than the Fm Bus Free Condition time
(tBUF).
- Open drain with weak pull-up
- Open drain with weak pull-up
I3C_TIMING_01
SCL
SDA
D2
D1
D3
D6
Start
Stop
Repeated
Start
Stop
0.7xVDD
0.3xVDD
0.7xVDD
0.3xVDD
D4
D5
Figure 7-69. I3C Open Drain Timing
Table 7-44. I3C Push-Pull Timing Parameters for SDR and HDR-DDR Modes
NO.
PARAMETER
DESCRIPTION
MODE
MIN
MAX
UNIT
D1
fSCL
SCL Clock Period
Controller
80
100000
ns
D2
tLOW
SCL Clock Low Period
Controller
24
ns
tDIG_L
32
ns
D3
tHIGH_MIXED
SCL Clock High Period of Mixed Bus (Mixed Bus Topology
Not Supported)
Controller
24
ns
tDIG_H_MIXED
32
45
ns
D4
tHIGH
SCL Clock High Period
Controller
24
ns
tDIG_H
32
ns
D5
tSCO
Clock in to Data Out for Target
Target
12
ns
D6
tCR
SCL Clock Rise Time
Controller
150 × 1 /
fSCL
60
ns
D7
tCF
SCL Clock Fall Time
Controller
150 × 1 /
fSCL
60
ns
D8
tHD_PP
SDA Signal Data Hold in Push Pull Mode
Controller
tCR + 3
and tCF +
3
ns
Target
0
ns
D9
tSU_PP
SDA Signal Data Setup In Push-Pull Mode
Controller,
Target
3
ns
D10
tCASr
Clock After Repeated START (Sr)
Controller
tCAS MIN
ns
D11
tCBSr
Clock Before Repeated START (Sr)
Controller
tCAS MIN /
2
ns
1. FSCL = 1 / (tDIG_L + tDIG_H)
2. tDIG_L and tDIG_H are the clock Low and High periods as seen at the receiver end of the I3C Bus using VIL
and VIH.
3. When communicating with an I3C Device on a mixed Bus, the tDIG_H_MIXED period must be constrained to
make sure that I2C Devices do not interpret I3C signaling as valid I2C signaling.
4. As both edges are used, the hold time needs to be satisfied for the respective edges; tCF + 3 for falling edge
clocks, and tCR + 3 for rising edge clocks.
5. Clock Frequency Minimum 0.01 MHz, Maximum 12.5 MHz
AM69A
SPRSP92 – FEBRUARY 2023
www.ti.com
226
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AM69A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com