Electronic Components Datasheet Search
  English  ▼

X  

AM69AX Datasheet(PDF) 230 Page - Texas Instruments

Part # AM69AX
Description  AM69Ax Processors, Silicon Revision 1.0
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69AX Datasheet(HTML) 230 Page - Texas Instruments

Back Button AM69AX Datasheet HTML 226Page - Texas Instruments AM69AX Datasheet HTML 227Page - Texas Instruments AM69AX Datasheet HTML 228Page - Texas Instruments AM69AX Datasheet HTML 229Page - Texas Instruments AM69AX Datasheet HTML 230Page - Texas Instruments AM69AX Datasheet HTML 231Page - Texas Instruments AM69AX Datasheet HTML 232Page - Texas Instruments AM69AX Datasheet HTML 233Page - Texas Instruments AM69AX Datasheet HTML 234Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 230 / 299 page
background image
Table 7-49 and Figure 7-72 present switching characteristics over recommended operating conditions for
MCASP0 to MCASP11.
Table 7-49. MCASP Switching Characteristics
NO.
PARAMETER
DESCRIPTION
MODE(1)
MIN
MAX
UNIT
ASP9 tc(AHCLKRX)
Cycle time, MCASP[x]_AHCLKR/X
20
ns
ASP10 tw(AHCLKRX)
Pulse duration, MCASP[x]_AHCLKR/X high or low
0.5P(2) - 2
ns
ASP11 tc(ACLKRX)
Cycle time, MCASP[x]_ACLKR/X
20
ns
ASP12 tw(ACLKRX)
Pulse duration, MCASP[x]_ACLKR/X high or low
0.5R(3) - 2
ns
ASP13 td(ACLKRX-AFSRX) Delay time, MCASP[x]_ACLKR/X transmit edge to
MCASP[x]_AFSR/X output valid
ACLKR/X int
0
7.25
ns
ACLKR/X ext in/out
–15.28
12.84
ASP14 td(ACLKX-AXR)
Delay time, MCASP[x]_ACLKX transmit edge to
MCASP[x]_AXR output valid
ACLKR/X int
0
7.25
ns
ACLKR/X ext in/out
–15.28
12.84
ASP15 tdis(ACLKX-AXR)
Disable time, MCASP[x]_ACLKX transmit edge to
MCASP[x]_AXR output high impedance
ACLKR/X int
0
7.25
ns
ACLKR/X ext in/out
–14.9
14
(1)
ACLKR internal: ACLKRCTL.CLKRM=1, PDIR.ACLKR = 1
ACLKR external input: ACLKRCTL.CLKRM=0, PDIR.ACLKR=0
ACLKR external output: ACLKRCTL.CLKRM=0, PDIR.ACLKR=1
ACLKX internal: ACLKXCTL.CLKXM=1, PDIR.ACLKX = 1
ACLKX external input: ACLKXCTL.CLKXM=0, PDIR.ACLKX=0
ACLKX external output: ACLKXCTL.CLKXM=0, PDIR.ACLKX=1
(2)
P = AHCLKR/X period in ns.
(3)
R = ACLKR/X period in ns.
AM69A
SPRSP92 – FEBRUARY 2023
www.ti.com
230
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AM69A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com