Electronic Components Datasheet Search
  English  ▼

X  

AM69AX Datasheet(PDF) 237 Page - Texas Instruments

Part # AM69AX
Description  AM69Ax Processors, Silicon Revision 1.0
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69AX Datasheet(HTML) 237 Page - Texas Instruments

Back Button AM69AX Datasheet HTML 233Page - Texas Instruments AM69AX Datasheet HTML 234Page - Texas Instruments AM69AX Datasheet HTML 235Page - Texas Instruments AM69AX Datasheet HTML 236Page - Texas Instruments AM69AX Datasheet HTML 237Page - Texas Instruments AM69AX Datasheet HTML 238Page - Texas Instruments AM69AX Datasheet HTML 239Page - Texas Instruments AM69AX Datasheet HTML 240Page - Texas Instruments AM69AX Datasheet HTML 241Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 237 / 299 page
background image
Table 7-56. MCU_SPI1 IOSET
Signals
IOSET1
IOSET2
BALL NAME
MUX
BALL NAME
MUX
MCU_SPI1_CLK
MCU_SPI1_CLK
0
MCU_SPI1_CLK
0
MCU_SPI1_D0
MCU_SPI1_D0
0
MCU_SPI1_D0
0
MCU_SPI1_D1
MCU_SPI1_D1
0
MCU_SPI1_D1
0
MCU_SPI1_CS0
MCU_SPI1_CS0
0
MCU_SPI1_CS0
0
MCU_SPI1_CS1
MCU_OSPI1_D1
5
WKUP_GPIO0_13
1
MCU_SPI1_CS2
MCU_OSPI1_D2
5
WKUP_GPIO0_15
1
For more information, see Multichannel Serial Peripheral Interface (MCSPI) section in Peripherals chapter in the
device TRM.
7.10.5.17 MMCSD
The MMCSD Host Controller provides an interface to embedded Multi-Media Card (MMC), Secure Digital (SD),
and Secure Digital IO (SDIO) devices. The MMCSD Host Controller deals with MMC/SD/SDIO protocol at
transmission level, data packing, adding cyclic redundancy checks (CRCs), start/end bit insertion, and checking
for syntactical correctness.
For more details about MMCSD interfaces, see the corresponding MMC0, MMC1, and MMC2 sections within
Signal Descriptions and Detailed Description.
Note
Some operating modes require software configuration of the MMC DLL delay settings, as shown in
Table 7-57 and Table 7-67.
For more information, see Multi-Media Card/Secure Digital (MMCSD) Interface section in Peripherals chapter in
the device TRM.
7.10.5.17.1 MMC0 - eMMC Interface
MMC0 interface is compliant with the JEDEC eMMC electrical standard v5.1 (JESD84-B51) and it supports the
following eMMC applications:
• Legacy speed
• High speed SDR
• High speed DDR
• High Speed HS200
• High Speed HS400
Table 7-57 presents the required DLL software configuration settings for MMC0 timing modes.
Table 7-57. MMC0 DLL Delay Mapping for All Timing Modes
REGISTER NAME
MMCSD0_SS_PHY_CTRL_4_REG
MMCSD0_SS_PHY_CTRL_5_REG
BIT FIELD
[31:24]
[20]
[15:12]
[8]
[4:0]
[17:16]
[10:8]
[2:0]
BIT FIELD NAME
STRBSEL
OTAPDLYENA
OTAPDLYSEL
ITAPDLYENA
ITAPDLYSEL
SELDLYTXCLK
SELDLYRXCLK
FRQSEL
CLKBUFSEL
MODE
DESCRIPTION
STROBE
DELAY
OUTPUT
DELAY
ENABLE
OUTPUT
DELAY
VALUE
INPUT
DELAY
ENABLE
INPUT
DELAY
VALUE
DLL/
DELAY CHAIN
SELECT
DLL REF
FREQUENCY
DELAY
BUFFER
DURATION
Legacy
SDR
8-bit PHY
operating 1.8 V,
25 MHz
0x0
0x0
NA
0x1
0x10
0x1
0x0
0x7
High
Speed
SDR
8-bit PHY
operating 1.8 V,
50 MHz
0x0
0x0
NA
0x1
0xA
0x1
0x0
0x7
www.ti.com
AM69A
SPRSP92 – FEBRUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
237
Product Folder Links: AM69A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com