Electronic Components Datasheet Search
  English  ▼

X  

AM69AX Datasheet(PDF) 238 Page - Texas Instruments

Part # AM69AX
Description  AM69Ax Processors, Silicon Revision 1.0
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69AX Datasheet(HTML) 238 Page - Texas Instruments

Back Button AM69AX Datasheet HTML 234Page - Texas Instruments AM69AX Datasheet HTML 235Page - Texas Instruments AM69AX Datasheet HTML 236Page - Texas Instruments AM69AX Datasheet HTML 237Page - Texas Instruments AM69AX Datasheet HTML 238Page - Texas Instruments AM69AX Datasheet HTML 239Page - Texas Instruments AM69AX Datasheet HTML 240Page - Texas Instruments AM69AX Datasheet HTML 241Page - Texas Instruments AM69AX Datasheet HTML 242Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 238 / 299 page
background image
Table 7-57. MMC0 DLL Delay Mapping for All Timing Modes (continued)
REGISTER NAME
MMCSD0_SS_PHY_CTRL_4_REG
MMCSD0_SS_PHY_CTRL_5_REG
BIT FIELD
[31:24]
[20]
[15:12]
[8]
[4:0]
[17:16]
[10:8]
[2:0]
BIT FIELD NAME
STRBSEL
OTAPDLYENA
OTAPDLYSEL
ITAPDLYENA
ITAPDLYSEL
SELDLYTXCLK
SELDLYRXCLK
FRQSEL
CLKBUFSEL
MODE
DESCRIPTION
STROBE
DELAY
OUTPUT
DELAY
ENABLE
OUTPUT
DELAY
VALUE
INPUT
DELAY
ENABLE
INPUT
DELAY
VALUE
DLL/
DELAY CHAIN
SELECT
DLL REF
FREQUENCY
DELAY
BUFFER
DURATION
High
Speed
DDR
8-bit PHY
operating 1.8 V,
50 MHz
0x0
0x1
0x6
0x1
Tuning
0x0
0x4
0x7
HS200
8-bit PHY
operating 1.8 V,
200 MHz
0x0
0x1
0x8
0x1
Tuning
0x0
0x0
0x7
HS400
8-bit PHY
operating 1.8 V,
200 MHz
0x66
0x1
0x5
0x1
Tuning
0x0
0x0
0x7
Table 7-58 presents timing conditions for MMC0.
Table 7-58. MMC0 Timing Conditions
PARAMETER
MIN
MAX UNIT
INPUT CONDITIONS
SRI
Input slew rate
Legacy SDR
0.14
1.44
V/ns
High Speed SDR
0.3
0.90
V/ns
High Speed DDR (CMD)
0.3
0.90
V/ns
High Speed DDR (DAT[7:0])
0.45
0.90
V/ns
OUTPUT CONDITIONS
CL
Output load capacitance
HS200, HS400
1
6
pF
All other modes
1
12
pF
PCB CONNECTIVITY REQUIREMENTS
td(Trace Delay)
Propagation delay of each trace
All modes
134
756
ps
td(Trace Mismatch
Delay)
Propagation delay mismatch across all
traces
Legacy SDR, High Speed SDR,
High Speed DDR
100
ps
HS200, HS400
8
ps
AM69A
SPRSP92 – FEBRUARY 2023
www.ti.com
238
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AM69A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com