Electronic Components Datasheet Search
  English  ▼

X  

AM69AX Datasheet(PDF) 262 Page - Texas Instruments

Part # AM69AX
Description  AM69Ax Processors, Silicon Revision 1.0
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69AX Datasheet(HTML) 262 Page - Texas Instruments

Back Button AM69AX Datasheet HTML 258Page - Texas Instruments AM69AX Datasheet HTML 259Page - Texas Instruments AM69AX Datasheet HTML 260Page - Texas Instruments AM69AX Datasheet HTML 261Page - Texas Instruments AM69AX Datasheet HTML 262Page - Texas Instruments AM69AX Datasheet HTML 263Page - Texas Instruments AM69AX Datasheet HTML 264Page - Texas Instruments AM69AX Datasheet HTML 265Page - Texas Instruments AM69AX Datasheet HTML 266Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 262 / 299 page
background image
Table 7-90 represents Timers timing conditions.
Table 7-90. Timers Timing Conditions
PARAMETER
DESCRIPTION
MODE
MIN
MAX
UNIT
INPUT CONDITIONS
SRI
Input slew rate
CAPTURE
0.5
5
V/ns
OUTPUT CONDITIONS
CL
Output load capacitance
PWM
2
10
pF
Section 7.10.5.22.1, Section 7.10.5.22.2 and Figure 7-109 present timings and switching characteristics of the
Timers.
7.10.5.22.1 Timing Requirements for Timers
NO.
PARAMETER
DESCRIPTION
MODE
MIN
MAX
UNIT
T1
tw(TINPH)
Pulse duration, high
CAPTURE
2.5 +
4P
(1)
ns
T2
tw(TINPL)
Pulse duration, low
CAPTURE
2.5 +
4P
(1)
ns
(1)
P = functional clock period in ns.
7.10.5.22.2 Switching Characteristics for Timers
NO.
PARAMETER
DESCRIPTION
MODE
MIN
MAX
UNIT
T3
tw(TOUTH)
Pulse duration, high
PWM
-2.5 +
4P
(1)
ns
T4
tw(TOUTL)
Pulse duration, low
PWM
-2.5 +
4P
(1)
ns
(1)
P = functional clock period in ns.
T1
T2
TIMER_IOx (inputs)
TIMER_01
T3
T4
TIMER_IOx (outputs)
Figure 7-109. Timer Timing
For more information, see Timers section in Peripherals chapter in the device TRM.
7.10.5.23 UART
For more details about features and additional description information on the device Universal Asynchronous
Receiver Transmitter, see the corresponding sections within , Section 6.3 and Detailed Description.
Table 7-91 represents UART timing conditions.
Table 7-91. UART Timing Conditions
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
INPUT CONDITIONS
SRI
Input slew rate
0.5
5
V/ns
OUTPUT CONDITIONS
AM69A
SPRSP92 – FEBRUARY 2023
www.ti.com
262
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AM69A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com