Electronic Components Datasheet Search
  English  ▼

X  

AM69AX Datasheet(PDF) 265 Page - Texas Instruments

Part # AM69AX
Description  AM69Ax Processors, Silicon Revision 1.0
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69AX Datasheet(HTML) 265 Page - Texas Instruments

Back Button AM69AX Datasheet HTML 261Page - Texas Instruments AM69AX Datasheet HTML 262Page - Texas Instruments AM69AX Datasheet HTML 263Page - Texas Instruments AM69AX Datasheet HTML 264Page - Texas Instruments AM69AX Datasheet HTML 265Page - Texas Instruments AM69AX Datasheet HTML 266Page - Texas Instruments AM69AX Datasheet HTML 267Page - Texas Instruments AM69AX Datasheet HTML 268Page - Texas Instruments AM69AX Datasheet HTML 269Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 265 / 299 page
background image
Note
The JTAG signals are split across two IO power domains on the device. Timings parameters defined
in this section only apply when the two IO power domains are operating at the same voltage and level-
shifters are not inserted into the signal path. Values for the following timing parameters are not defined
when operating the two IO power domains at different voltages since propagation delay through the
device IO buffers differ when some are operating at 1.8 V while others are operating at 3.3 V. This
effectively reduces timing margin beyond the values defined in this section. The JTAG interface is still
expected to function when the two IO power domains are operated at different voltages, assuming the
system designer has implemented appropriate level-shifters and the operating frequency is reduced
to accommodate additional delay inserted by the level-shifters and IO buffers operating at different
voltages.
Table 7-94. JTAG Timing Conditions
PARAMETER
MIN
MAX
UNIT
Input Conditions
SRI
Input slew rate
0.50
2.00
V/ns
Output Conditions
CL
Output load capacitance
5
15
pF
PCB CONNECTIVITY REQUIREMENTS
td(Trace Delay)
Propagation delay of each trace
83.5
1000(1)
ps
td(Trace Mismatch Delay)
Propagation delay mismatch across all traces
100
ps
(1)
Maximum propagation delay associated with the JTAG signal traces has a significant impact on maximum TCK operating frequency. It
may be possible to increase the trace delay beyond this value, but the operating frequency of TCK must be reduced to account for the
additional trace delay.
7.10.6.2.1 JTAG Electrical Data and Timing
Section 7.10.6.2.1.1, Section 7.10.6.2.1.2, and Figure 7-112 assume testing over the recommended operating
conditions and electrical characteristic conditions.
7.10.6.2.1.1 JTAG Timing Requirements
See Figure 7-112
NO.
MIN
MAX UNIT
J1
tc(TCK)
Cycle time minimum, TCK
46.5(1)
ns
J2
tw(TCKH)
Pulse width minimum, TCK high
18.6(2)
ns
J3
tw(TCKL)
Pulse width minimum, TCK low
18.6(2)
ns
J4
tsu(TDI-TCK)
Input setup time minimum, TDI valid to TCK high
4.5
ns
tsu(TMS-TCK)
Input setup time minimum, TMS valid to TCK high
4.5
ns
J5
th(TCK-TDI)
Input hold time minimum, TDI valid from TCK high
2
ns
th(TCK-TMS)
Input hold time minimum, TMS valid from TCK high
2
ns
(1)
The maximum TCK operating frequency assumes the following timing requirements and switching characteristics for the attached
debugger. The operating frequency of TCK must be reduced to provide appropriate timing margin if the debugger exceeds any of these
assumptions.
•
Minimum TDO setup time of 4.6 ns relative to the rising edge of TCK
•
TDI and TMS output delay in the range of –16.5 ns to 14.0 ns relative to the falling edge of TCK
(2)
P = TCK cycle time in ns
7.10.6.2.1.2 JTAG Switching Characteristics
See Figure 7-112
NO.
PARAMETER
MIN
MAX
UNIT
J6
td(TCKL-TDOI)
Delay time minimum, TCK low to TDO invalid
0
ns
J7
td(TCKL-TDOV)
Delay time maximum, TCK low to TDO valid
12
ns
www.ti.com
AM69A
SPRSP92 – FEBRUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
265
Product Folder Links: AM69A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com