Electronic Components Datasheet Search
  English  ▼

X  

AM69AX Datasheet(PDF) 267 Page - Texas Instruments

Part # AM69AX
Description  AM69Ax Processors, Silicon Revision 1.0
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69AX Datasheet(HTML) 267 Page - Texas Instruments

Back Button AM69AX Datasheet HTML 263Page - Texas Instruments AM69AX Datasheet HTML 264Page - Texas Instruments AM69AX Datasheet HTML 265Page - Texas Instruments AM69AX Datasheet HTML 266Page - Texas Instruments AM69AX Datasheet HTML 267Page - Texas Instruments AM69AX Datasheet HTML 268Page - Texas Instruments AM69AX Datasheet HTML 269Page - Texas Instruments AM69AX Datasheet HTML 270Page - Texas Instruments AM69AX Datasheet HTML 271Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 267 / 299 page
background image
8 Detailed Description
8.1 Overview
The AM69A processor family is based on the evolutionary Jacinto 7 architecture, targeted at ADAS and
Autonomous Vehicle (AV) applications and built on extensive market knowledge accumulated over a decade
of TI’s leadership in the ADAS processor market. The AM69A provides high performance compute for both
traditional and deep learning algorithms at industry leading power/performance ratios with a high level of system
integration to enable scalability and lower costs for advanced automotive platforms supporting multiple sensor
modalities in centralized ECUs or stand-alone sensors. Key cores include next generation DSP with scalar and
vector cores, dedicated deep learning and traditional algorithm accelerators, latest Arm and GPU processors
for general compute, an integrated next generation imaging subsystem (ISP), video codec, Ethernet hub and
isolated MCU island. All protected by automotive grade safety and security hardware accelerators.
Note
For more information on features, subsystems, and architecture of superset device System on Chip
(SoC), see the device TRM.
8.2 Functional Block Diagram
Figure 8-1 is functional block diagram for the device.
www.ti.com
AM69A
SPRSP92 – FEBRUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
267
Product Folder Links: AM69A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com