Electronic Components Datasheet Search
  English  ▼

X  

AM69AX Datasheet(PDF) 270 Page - Texas Instruments

Part # AM69AX
Description  AM69Ax Processors, Silicon Revision 1.0
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69AX Datasheet(HTML) 270 Page - Texas Instruments

Back Button AM69AX Datasheet HTML 266Page - Texas Instruments AM69AX Datasheet HTML 267Page - Texas Instruments AM69AX Datasheet HTML 268Page - Texas Instruments AM69AX Datasheet HTML 269Page - Texas Instruments AM69AX Datasheet HTML 270Page - Texas Instruments AM69AX Datasheet HTML 271Page - Texas Instruments AM69AX Datasheet HTML 272Page - Texas Instruments AM69AX Datasheet HTML 273Page - Texas Instruments AM69AX Datasheet HTML 274Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 270 / 299 page
background image
8.4 Accelerators and Coprocessors
8.4.1 GPU
The Graphics Processing Unit (GPU) accelerates 3-dimensional (3D) and 2-dimensional (2D) graphics and
compute applications.
The GPU module is a scalable architecture which efficiently processes a number of different workload
concurrently:
• 3D Graphic Workload, which involves vertex data and pixel data processing for rendering of 3D scenes.
• 2D Graphic Workload, which involves pixel data processing for rendering 2D objects.
• Compute Applications Workload, which involves general purpose data processing.
For more information, see Graphics Accelerator (GPU) section in Processors and Accelerators chapter in the
device TRM.
8.4.2 VPAC
The Vision Pre-processing Accelerator (VPAC) is a set of common vision primitive functions, performing
memory-to-memory (M2M) pixel data processing tasks, such as: color processing and enhancement, noise
filtering, wide dynamic range (WDR) processing, lens distortion correction, pixel remap for dewarping, on-the-fly
scale generation, on-the-fly pyramid generation. The VPAC offloads these common tasks from the main SoC
processors (ARM, DSP, etc.), so these CPUs can be utilized for differentiated high-level algorithms. The VPAC
is designed to support multiple cameras by working in time-multiplexing mode. The VPAC works as front end
to vision processing and prepares frame/scales for further processing by other vision accelerators or processor
cores in the SoC.
For more information, see Vision Pre-processing Accelerator (VPAC) section in Processors and Accelerators
chapter in the device TRM.
8.4.3 DMPAC
The Depth and Motion Perception Accelerator (DMPAC) is a power efficient hardware accelerator that computes
dense stereo depth maps (depth) and dense optical flow vectors (motion) from camera inputs.
The image/video sensor-based environmental perception (also known as scene understanding) is at the core of
many emerging applications in automotive, industrial and consumer electronics. Typically, this involves detection
of all objects in the scene along with their 3D position and motion with regards to the observer or the car by
analyzing one or many related input video streams. Various computer vision algorithms are used to achieve
these tasks.
A very robust method of obtaining the 3D depth from images is to use two cameras in a stereo setup - two
cameras with known relative positions and camera parameters. The two images of the same scene, captured
from two different camera poses/perspectives, are analyzed to find disparities among every pixel positions in the
images. This is known as the Stereo Disparity map. The disparity values of every pixel can be used to obtain the
3D positions of the object/space they belong to via triangulation.
On the other hand, by analyzing two images from a single camera, captured at two different time instances (that
is, two temporal frames in a video), one can determine where each pixel in a past frame moved to in the future
frame. This is known as the Optical Flow vector. The flow vectors for each pixel position can be used to obtain
3D structure of the scene, identify moving objects and determine their relative speed and direction of motion.
The DMPAC is dedicated to the aforesaid image processing tasks. The stereo and optical flow processing is
partitioned into two top level sub-blocks: the Dense Optical Flow (DOF) engine and the Stereo Disparity Engine
(SDE). The DOF and SDE blocks share a common shared local memory, DMA, external messaging and control
infrastructure.
For more information, see Depth and Motion Perception Accelerator (DMPAC) section in Processors and
Accelerators chapter in the device TRM.
AM69A
SPRSP92 – FEBRUARY 2023
www.ti.com
270
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AM69A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com