Electronic Components Datasheet Search
  English  ▼

X  

AM69AX Datasheet(PDF) 274 Page - Texas Instruments

Part # AM69AX
Description  AM69Ax Processors, Silicon Revision 1.0
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69AX Datasheet(HTML) 274 Page - Texas Instruments

Back Button AM69AX Datasheet HTML 270Page - Texas Instruments AM69AX Datasheet HTML 271Page - Texas Instruments AM69AX Datasheet HTML 272Page - Texas Instruments AM69AX Datasheet HTML 273Page - Texas Instruments AM69AX Datasheet HTML 274Page - Texas Instruments AM69AX Datasheet HTML 275Page - Texas Instruments AM69AX Datasheet HTML 276Page - Texas Instruments AM69AX Datasheet HTML 277Page - Texas Instruments AM69AX Datasheet HTML 278Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 274 / 299 page
background image
8.5.5.9 VPFE
The Video Processing Front End (VPFE) is an input interface module that receives raw (unprocessed) image/
video data or YUV digital video data from external imaging peripherals (such as image sensors, video decoders,
etc) and performs DMA transfers to store the captured data in the system DDR memory.
For more information, see Video Processing Front End (VPFE) section in Peripherals chapter in the device TRM.
8.5.5.10 eCAP
The enhanced Capture (ECAP) module can be used for:
• Sample rate measurements of audio inputs
• Speed measurements of rotating machinery (for example, toothed sprockets sensed via Hall sensors)
• Elapsed time measurements between position sensor pulses
• Period and duty cycle measurements of pulse train signals
• Decoding current or voltage amplitude derived from duty cycle encoded current/voltage sensors.
For more information, see Enhanced Capture (ECAP) Module section in Peripherals chapter in the device TRM.
8.5.5.11 EPWM
An effective PWM peripheral must be able to generate complex pulse width waveforms with minimal CPU
overhead or intervention. It needs to be highly programmable and very flexible while being easy to understand
and use. The EPWM unit described here addresses these requirements by allocating all needed timing and
control resources on a per PWM channel basis. Cross coupling or sharing of resources has been avoided;
instead, the EPWM is built up from smaller single channel modules with separate resources and that can
operate together as required to form a system. This modular approach results in an orthogonal architecture and
provides a more transparent view of the peripheral structure, helping users to understand its operation quickly.
In the further description the letter x within a signal or module name is used to indicate a generic EPWM instance
on a device. For example, output signals EPWMxA and EPWMxB refer to the output signals from the EPWM_x
instance. Thus, EPWM1A and EPWM1B belong to EPWM1, EPWM2A and EPWM2B belong to EPWM2, and so
forth.
Additionally, the EPWM integration allows this synchronization scheme to be extended to the capture peripheral
modules (ECAP). The number of modules is device-dependent and based on target application needs. Modules
can also operate stand-alone.
For more information, see Enhanced Pulse Width Modulation (EPWM) Module section in Peripherals chapter in
the device TRM.
8.5.5.12 ELM
The Error Location Module (ELM) is used with the GPMC. Syndrome polynomials generated on-the-fly when
reading a NAND flash page and stored in GPMC registers are passed to the ELM. A host processor can then
correct the data block by flipping the bits to which the ELM error-location outputs point.
When reading from NAND flash memories, some level of error-correction is required. In the case of NAND
modules with no internal correction capability, sometimes referred to as bare NANDs, the correction process is
delegated to the memory controller. ELM can be also used to support parallel NOR flash or NAND flash.
For more information, see Error Location Module (ELM) section in Peripherals chapter in the device TRM.
8.5.5.13 ESM
The Error Signaling Module (ESM) aggregates safety-related events and/or errors from throughout the device
into one location. It can signal both low and high priority interrupts to a processor to deal with a safety event
and/or manipulate an I/O error pin to signal an external hardware that an error has occurred. Therefore an
external controller is able to reset the device or keep the system in safe, known state.
For more information, see Error Signaling Module (ESM) section in Peripherals chapter in the device TRM.
AM69A
SPRSP92 – FEBRUARY 2023
www.ti.com
274
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AM69A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com