Electronic Components Datasheet Search
  English  ▼

X  

S12ECT16B8CV2 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # S12ECT16B8CV2
Description  MC9S12XDP512 Device User Guide
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S12ECT16B8CV2 Datasheet(HTML) 3 Page - NXP Semiconductors

  S12ECT16B8CV2 Datasheet HTML 1Page - NXP Semiconductors S12ECT16B8CV2 Datasheet HTML 2Page - NXP Semiconductors S12ECT16B8CV2 Datasheet HTML 3Page - NXP Semiconductors S12ECT16B8CV2 Datasheet HTML 4Page - NXP Semiconductors S12ECT16B8CV2 Datasheet HTML 5Page - NXP Semiconductors S12ECT16B8CV2 Datasheet HTML 6Page - NXP Semiconductors S12ECT16B8CV2 Datasheet HTML 7Page - NXP Semiconductors S12ECT16B8CV2 Datasheet HTML 8Page - NXP Semiconductors S12ECT16B8CV2 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 152 page
background image
MC9S12XDP512 Device User Guide — 9S12XDP512DGV1/D V01.12
V01.04
01.Sep
2003
•
Corrected Table 0-1 Document References
•
Corrected Maskset number
•
Added Connectivity of NV bits in FCTL Register
(FTX512k4)
•
corrected Table 5-1 and added XGATE Software Error
Interrupt
V01.05
22. Oct
2003
•
Added EROMCTL functionality
•
Added XGATE Channel ID’s to Table 5-1
•
Aded 3.3V/5V Operation on PC/PD/PE5 and PE6
•
Added Pullup Devices on RESET/TEST and VREGEN Pin
•
Added ROMON/EROMON Description to 4.2 Chip
Configuration Summary
•
Removed Security Description
V01.06
10. Nov
2003
•
updated section 4.2 Chip Configuration Summary
•
updated section 4.2.5 Register visibility in Emulation
and Expanded modes
•
corrected XCLKS description
•
Added IQSTAT3 signal
•
Added SPI Master/Slave Mode Timing Characteristics
•
Renamed VDDX3/VSSX3 to VDDR2/VSSR2 and
VDDR/VSSR to VDDR1/VSSR1
•
Corrected several typos
V01.07
•
Modiefied PD0-PD3 pin order
V01.08
29. Jan
2004
•
Added Section 1.6 Detailed Register Map
•
BDM is visible on PPAGE=$FF at address $BF00-$BFFF
if bdm active Figure 1-3
•
Modified XGATE Register Space $0380 - $03BF Table
1-1
•
Added LQFP144 PCB recommendation Figure 28-1
•
Updated Voltage Regulator Electrical Characteristics
V01.09
10. Feb
2004
•
Added 3.3V I/O Characteristics
V01.10
28. Feb
2004
•
Added 3.3V ATD Characteristics
•
Added IrDA to SCI feature List
V01.11
30. Mar
2004
•
Added Internal Visibility Data to Table 2-1 and to Signal
Description
•
Added Figure 1-2 Logical to Global Address Mapping
Revision History
Version
Number
Revision
Date
Effective
Date
Author
Description of Changes
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com