| Electronic Components Datasheet Search |
|
S12ECT16B8CV2 Datasheet(PDF) 96 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
S12ECT16B8CV2 Datasheet(HTML) 96 Page - NXP Semiconductors |
|
96 / 152 page ![]() MC9S12XDP512 Device User Guide — V01.12 Vector Base + $DA $6D Pulse accumulator input edge I-Bit PACTL (PAI) Vector Base + $D8 $6C SPI0 I-Bit SPI0CR1 (SPIE, SPTIE) Vector Base+ $D6 $6B SCI0 I-Bit SCI0CR2 (TIE, TCIE, RIE, ILIE) Vector Base + $D4 $6A SCI1 I-Bit SCI1CR2 (TIE, TCIE, RIE, ILIE) Vector Base + $D2 $69 ATD0 I-Bit ATD0CTL2 (ASCIE) Vector Base + $D0 $68 ATD1 I-Bit ATD1CTL2 (ASCIE) Vector Base + $CE $67 Port J I-Bit PIEJ (PIEJ7-PIEJ0) Vector Base + $CC $66 Port H I-Bit PIEH (PIEH7-PIEH0) Vector Base + $CA $65 Modulus Down Counter underflow I-Bit MCCTL(MCZI) Vector Base + $C8 $64 Pulse Accumulator B Overflow I-Bit PBCTL(PBOVI) Vector Base + $C6 $63 CRG PLL lock I-Bit CRGINT(LOCKIE) Vector Base + $C4 $62 CRG Self Clock Mode I-Bit CRGINT (SCMIE) Vector Base + $C2 $61 Reserved Vector Base + $C0 $60 IIC0 Bus I-Bit IBCR0 (IBIE) Vector Base + $BE $5F SPI1 I-Bit SPI1CR1 (SPIE, SPTIE) Vector Base + $BC $5E SPI2 I-Bit SPI2CR1 (SPIE, SPTIE) Vector Base + $BA $5D EEPROM I-Bit ECNFG (CCIE, CBEIE) Vector Base + $B8 $5C FLASH I-Bit FCNFG (CCIE, CBEIE) Vector Base + $B6 $5B CAN0 wake-up I-Bit CAN0RIER (WUPIE) Vector Base + $B4 $5A CAN0 errors I-Bit CAN0RIER (CSCIE, OVRIE) Vector Base + $B2 $59 CAN0 receive I-Bit CAN0RIER (RXFIE) Vector Base + $B0 $58 CAN0 transmit I-Bit CAN0TIER (TXEIE2-TXEIE0) Vector Base + $AE $57 CAN1 wake-up I-Bit CAN1RIER (WUPIE) Vector Base + $AC $56 CAN1 errors I-Bit CAN1RIER (CSCIE, OVRIE) Vector Base + $AA $55 CAN1 receive I-Bit CAN1RIER (RXFIE) Vector Base + $A8 $54 CAN1 transmit I-Bit CAN1TIER (TXEIE2-TXEIE0) Vector Base + $A6 $53 CAN2 wake-up I-Bit CAN2RIER (WUPIE) Vector Base + $A4 $52 CAN2 errors I-Bit CAN2RIER (CSCIE, OVRIE) Vector Base + $A2 $51 CAN2 receive I-Bit CAN2RIER (RXFIE) Vector Base + $A0 $50 CAN2 transmit I-Bit CAN2TIER (TXEIE2-TXEIE0) Vector Base + $9E $4F CAN3 wake-up I-Bit CAN3RIER (WUPIE) Vector Base+ $9C $4E CAN3 errors I-Bit CAN3RIER (CSCIE, OVRIE) Vector Base+ $9A $4D CAN3 receive I-Bit CAN3RIER (RXFIE) Vector Base + $98 $4C CAN3 transmit I-Bit CAN3TIER (TXEIE2-TXEIE0) Vector Base + $96 $4B CAN4 wake-up I-Bit CAN4RIER (WUPIE) Vector Base + $94 $4A CAN4 errors I-Bit CAN4RIER (CSCIE, OVRIE) Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |