Electronic Components Datasheet Search
  English  ▼

X  

S12ECT16B8CV2 Datasheet(PDF) 74 Page - NXP Semiconductors

Part # S12ECT16B8CV2
Description  MC9S12XDP512 Device User Guide
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S12ECT16B8CV2 Datasheet(HTML) 74 Page - NXP Semiconductors

Back Button S12ECT16B8CV2 Datasheet HTML 70Page - NXP Semiconductors S12ECT16B8CV2 Datasheet HTML 71Page - NXP Semiconductors S12ECT16B8CV2 Datasheet HTML 72Page - NXP Semiconductors S12ECT16B8CV2 Datasheet HTML 73Page - NXP Semiconductors S12ECT16B8CV2 Datasheet HTML 74Page - NXP Semiconductors S12ECT16B8CV2 Datasheet HTML 75Page - NXP Semiconductors S12ECT16B8CV2 Datasheet HTML 76Page - NXP Semiconductors S12ECT16B8CV2 Datasheet HTML 77Page - NXP Semiconductors S12ECT16B8CV2 Datasheet HTML 78Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 152 page
background image
MC9S12XDP512 Device User Guide — 9S12XDP512DGV1/D V01.12
2.3.11 PB0 / ADDR0 / UDS / IVD[0] — Port B I/O Pin
PB0 is a general purpose input or output pin. In MCU expanded modes of operation, this pin is used for
the external address bus ADDR0 or as upper data strobe signal. In MCU emulation modes of operation,
this pin is used for external address bus ADDR0 and internal visibility read data IVD0.
2.3.12 PC[7:0] / DATA [15:8] — Port C I/O Pins
PC7-PC0 are general purpose input or output pins. In MCU expanded modes of operation, these pins are
used for the external data bus.
The input voltage thresholds for PC[7:0] can be configured to reduced levels, to allow data from an
external 3.3V peripheral to be read by the MCU operating at 5.0V. The input voltage thresholds for
PC[7:0] are configured to reduced levels out of reset in expanded and emulation modes.
2.3.13 PD[7:0] / DATA [7:0] — Port D I/O Pins
PD7-PD0 are general purpose input or output pins. In MCU expanded modes of operation, these pins are
used for the external data bus.
The input voltage thresholds for PD[7:0] can be configured to reduced levels, to allow data from an
external 3.3V peripheral to be read by the MCU operating at 5.0V. The input voltage thresholds for
PD[7:0] are configured to reduced levels out of reset in expanded and emulation modes.
2.3.14 PE7 / ECLKX2 / XCLKS — Port E I/O Pin 7
PE7 is a general purpose input or output pin. The XCLKS is an input signal which controls whether a
crystal in combination with the internal loop controlled (low power) Pierce oscillator is used or whether
full swing Pierce oscillator/external clock circuitry is used.
The XCLKS pin selects the oscillator configuration during RESET low phase while a clock quality check
is ongoing. This is the case for:
•
Power on Reset or Low Voltage Reset
•
Clock Monitor Reset
•
Any Reset while in Self Clock Mode or Full Stop Mode
The selected oscillator configuration is frozen with the rising edge of RESET.
The pin can be configured to drive the internal system clock ECLKX2.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com