Electronic Components Datasheet Search
  English  ▼

X  

S12ECT16B8CV2 Datasheet(PDF) 88 Page - NXP Semiconductors

Part # S12ECT16B8CV2
Description  MC9S12XDP512 Device User Guide
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S12ECT16B8CV2 Datasheet(HTML) 88 Page - NXP Semiconductors

Back Button S12ECT16B8CV2 Datasheet HTML 84Page - NXP Semiconductors S12ECT16B8CV2 Datasheet HTML 85Page - NXP Semiconductors S12ECT16B8CV2 Datasheet HTML 86Page - NXP Semiconductors S12ECT16B8CV2 Datasheet HTML 87Page - NXP Semiconductors S12ECT16B8CV2 Datasheet HTML 88Page - NXP Semiconductors S12ECT16B8CV2 Datasheet HTML 89Page - NXP Semiconductors S12ECT16B8CV2 Datasheet HTML 90Page - NXP Semiconductors S12ECT16B8CV2 Datasheet HTML 91Page - NXP Semiconductors S12ECT16B8CV2 Datasheet HTML 92Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 152 page
background image
MC9S12XDP512 Device User Guide — 9S12XDP512DGV1/D V01.12
The MCU’s system clock can be supplied in several ways enabling a range of system operating frequencies
to be supported:
•
the on chip phase Locked Loop (PLL)
•
the pll self clocking
•
the Oscillator
The clock generated by the PLL or Oscillator provides the main system clock frequencies Core Clock and
Bus Clock. As shown in Figure 3-1 this system clocks are used throughout the MCU to drive the Core,
the memories and the peripherals.
The Program Flash memory and the EEPROM are supplied by the Bus Clock and the Oscillator clock.The
Oscillator clock is used as a time base to derive the program and erase times for the NVM’s. Consult the
FTX512k4 block guide and the EETX4K block guide for more details on the operation of the NVM’s.
The CAN modules may be configured to have their clock sources derived either from the bus clock or
directly from the Oscillator clock. This allows the user to select its clock based on the required jitter
performance. Consult MSCAN block description for more details on the operation and configuration of
the CAN blocks.
The frequency generated by the PLL is determined by the two registers REFDIV and SYNR.
Please note that it is possible to configure the PLL to generate a system frequency
higher than that supported by the design of the device. It is the responsibility of the
user to insure that the device is operated within it’s specified limits at all time.
In order to ensure the presence of the clock the MCU includes an on-chip Clock Monitor connected to the
output of the Oscillator. The Clock Monitor can be configured to invoke the PLL self clocking mode or to
generate a system reset if it is allowed to time out as a result of no oscillator clock being present.
In addition to the clock monitor the MCU also provides a clock quality checker which performs a more
accurate check of the clock. The clock quality checker counts a predetermined number of clock edges
within a defined time window to insure that the clock is running. The checker can be invoked following
specific events such as on wake-up or clock monitor failure.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com