Electronic Components Datasheet Search
  English  ▼

X  

S12ECT16B8CV2 Datasheet(PDF) 79 Page - NXP Semiconductors

Part # S12ECT16B8CV2
Description  MC9S12XDP512 Device User Guide
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S12ECT16B8CV2 Datasheet(HTML) 79 Page - NXP Semiconductors

Back Button S12ECT16B8CV2 Datasheet HTML 75Page - NXP Semiconductors S12ECT16B8CV2 Datasheet HTML 76Page - NXP Semiconductors S12ECT16B8CV2 Datasheet HTML 77Page - NXP Semiconductors S12ECT16B8CV2 Datasheet HTML 78Page - NXP Semiconductors S12ECT16B8CV2 Datasheet HTML 79Page - NXP Semiconductors S12ECT16B8CV2 Datasheet HTML 80Page - NXP Semiconductors S12ECT16B8CV2 Datasheet HTML 81Page - NXP Semiconductors S12ECT16B8CV2 Datasheet HTML 82Page - NXP Semiconductors S12ECT16B8CV2 Datasheet HTML 83Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 152 page
background image
MC9S12XDP512 Device User Guide — 9S12XDP512DGV1/D V01.12
2.3.35 PJ1 / KWJ1 / TXD2 — PORT J I/O Pin 1
PJ1 is a general purpose input or output pin. It can be configured to generate an interrupt causing the MCU
to exit STOP or WAIT mode. It can be configured as the transmit pin TXD of the Serial Communication
Interface 2 (SCI2).
2.3.36 PJ0 / KWJ0 / RXD2 — PORT J I/O Pin 0
PJ0 is a general purpose input or output pin. It can be configured to generate an interrupt causing the MCU
to exit STOP or WAIT mode. It can be configured as the receive pin RXD of the Serial Communication
Interface 2 (SCI2).
2.3.37 PK7 / EWAIT / ROMCTL — Port K I/O Pin 7
PK7 is a general purpose input or output pin. During MCU emulation modes and normal expanded modes
of operation, this pin is used to enable the Flash EEPROM memory in the memory map (ROMCTL). At
the rising edge of RESET, the state of this pin is latched to the ROMON bit. The EWAIT input signal
maintains the external bus access until the external device is ready to capture data (write) or provide data
(read).
2.3.38 PK6 / NOACC / ADDR22 — Port K I/O Pin 6
PK6 is a general purpose input or output pin. During MCU expanded modes of operation, the NOACC
signal is used to indicate that the current bus cycle is an unused or "free" cycle. This signal will assert when
the CPU is not using the bus. This pin also provides the expanded address ADDR22 for the external bus.
In Emulation modes NOACC is available and is time multiplexed with the high address.
2.3.39 PK[5:4] / ADDR[21:20] — Port K I/O Pins [5:4]
PK5-PK4 are general purpose input or output pins. In MCU expanded modes of operation, these pins
provide the expanded address ADDR[21:20] for the external bus.
2.3.40 PK[3:0] / ADDR[19:16] / IQSTAT[3:0] — Port K I/O Pins [3:0]
PK3-PK0 are general purpose input or output pins. In MCU expanded modes of operation, these pins
provide the expanded address ADDR[19:16] for the external bus and carry instruction pipe information.
2.3.41 PM7 / TXCAN3 / TXCAN4 / TXD3 — Port M I/O Pin 7
PM7 is a general purpose input or output pin. It can be configured as the transmit pin TXCAN of the
Motorola Scalable Controller Area Network controller 3 or 4 (CAN3 or CAN4). PM7 can be configured
as the transmit pin TXD3 of the Serial Communication Interface 3 (SCI3).
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com