Electronic Components Datasheet Search
  English  ▼

X  

S12ECT16B8CV2 Datasheet(PDF) 73 Page - NXP Semiconductors

Part # S12ECT16B8CV2
Description  MC9S12XDP512 Device User Guide
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S12ECT16B8CV2 Datasheet(HTML) 73 Page - NXP Semiconductors

Back Button S12ECT16B8CV2 Datasheet HTML 69Page - NXP Semiconductors S12ECT16B8CV2 Datasheet HTML 70Page - NXP Semiconductors S12ECT16B8CV2 Datasheet HTML 71Page - NXP Semiconductors S12ECT16B8CV2 Datasheet HTML 72Page - NXP Semiconductors S12ECT16B8CV2 Datasheet HTML 73Page - NXP Semiconductors S12ECT16B8CV2 Datasheet HTML 74Page - NXP Semiconductors S12ECT16B8CV2 Datasheet HTML 75Page - NXP Semiconductors S12ECT16B8CV2 Datasheet HTML 76Page - NXP Semiconductors S12ECT16B8CV2 Datasheet HTML 77Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 152 page
background image
MC9S12XDP512 Device User Guide — 9S12XDP512DGV1/D V01.12
2.3.5 XFC — PLL Loop Filter Pin
Please ask your Motorola representative for the interactive application note to compute PLL loop filter
elements. Any current leakage on this pin must be avoided.
Figure 2-4 PLL Loop Filter Connections
2.3.6 BKGD / MODC — Background Debug and Mode Pin
The BKGD/MODC pin is used as a pseudo-open-drain pin for the background debug communication. It
is used as a MCU operating mode select pin during reset. The state of this pin is latched to the MODC bit
at the rising edge of RESET. The BKGD pin has a pullup device.
2.3.7 PAD[23:08] / AN[15:0] — Port AD Input Pin of ATD1
PAD[23:08] are general purpose input or output pins and analog inputs AN[15:0] of the analog to digital
converter ATD1.
2.3.8 PAD[07:00] / AN[7:0] — Port AD Input Pins of ATD0
PAD[07:00] are general purpose input or output pins and analog inputs AN[7:0] of the analog to digital
converter ATD0.
2.3.9 PA[7:0] / ADDR[15:8] / IVD[15:8] — Port A I/O Pins
PA7-PA0 are general purpose input or output pins. In MCU expanded modes of operation, these pins are
used for the external address bus. In MCU emulation modes of operation, these pins are used for external
address bus and internal visibility read data.
2.3.10 PB[7:1] / ADDR[7:1] / IVD[7:1] — Port B I/O Pins
PB7-PB1 are general purpose input or output pins. In MCU expanded modes of operation, these pins are
used for the external address bus. In MCU emulation modes of operation, these pins are used for external
address bus and internal visibility read data.
MCU
XFC
R0
CS
CP
VDDPLL
VDDPLL
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com