Electronic Components Datasheet Search
  English  ▼

X  

S12ECT16B8CV2 Datasheet(PDF) 92 Page - NXP Semiconductors

Part # S12ECT16B8CV2
Description  MC9S12XDP512 Device User Guide
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S12ECT16B8CV2 Datasheet(HTML) 92 Page - NXP Semiconductors

Back Button S12ECT16B8CV2 Datasheet HTML 88Page - NXP Semiconductors S12ECT16B8CV2 Datasheet HTML 89Page - NXP Semiconductors S12ECT16B8CV2 Datasheet HTML 90Page - NXP Semiconductors S12ECT16B8CV2 Datasheet HTML 91Page - NXP Semiconductors S12ECT16B8CV2 Datasheet HTML 92Page - NXP Semiconductors S12ECT16B8CV2 Datasheet HTML 93Page - NXP Semiconductors S12ECT16B8CV2 Datasheet HTML 94Page - NXP Semiconductors S12ECT16B8CV2 Datasheet HTML 95Page - NXP Semiconductors S12ECT16B8CV2 Datasheet HTML 96Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 152 page
background image
MC9S12XDP512 Device User Guide — 9S12XDP512DGV1/D V01.12
4.3 Security
The MCU security feature allows the the protection of the on chip Flash and EEPROM memory. For a
detailed description of the security features refer to the S12X9SEC block guide.
4.4 Low Power Modes
The microcontroller features three main low power modes. Consult the respective Block Guide for
information on the module behavior in Stop, Pseudo Stop, and Wait Mode. An important source of
information about the clock system is the Clock and Reset Generator Block Guide (CRG).
4.4.1 Stop Mode
Executing the CPU STOP instruction stops all clocks and the oscillator thus putting the chip in fully static
mode. Wake up from this mode can be done via reset or external interrupts.
4.4.2 Pseudo Stop Mode
This mode is entered by executing the CPU STOP instruction. In this mode the oscillator is still running
and the Real Time Interrupt (RTI) or Watchdog (COP) sub module can stay active. Other peripherals are
turned off. This mode consumes more current than the full STOP mode, but the wake up time from this
mode is significantly shorter.
4.4.3 Wait Mode
This mode is entered by executing the CPU WAI instruction. In this mode the CPU will not execute
instructions. The internal CPU signals (address and databus) will be fully static. All peripherals stay active.
For further power consumption the peripherals can individually turn off their local clocks.
4.4.4 Run Mode
Although this is not a low power mode, unused peripheral modules should not be enabled in order to save
power.
MISC/$0013
MMC
RI/WI
RI/WI
RE/WG
RI/WI
RE/WG
RI/WI
PORTK/$0032
PIM
RI/WI
RI/WI
RE/WG
RI/WI
RE/WG
RI/WI
DDRK/$0033
PIM
RI/WI
RI/WI
RE/WG
RI/WI
RE/WG
RI/WI
Table 4-6 Register Accessibility of Port Replacement Registers (PRR)
Single Chip modes
Expanded Modes
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com