Electronic Components Datasheet Search
  English  ▼

X  

S12ECT16B8CV2 Datasheet(PDF) 62 Page - NXP Semiconductors

Part # S12ECT16B8CV2
Description  MC9S12XDP512 Device User Guide
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S12ECT16B8CV2 Datasheet(HTML) 62 Page - NXP Semiconductors

Back Button S12ECT16B8CV2 Datasheet HTML 58Page - NXP Semiconductors S12ECT16B8CV2 Datasheet HTML 59Page - NXP Semiconductors S12ECT16B8CV2 Datasheet HTML 60Page - NXP Semiconductors S12ECT16B8CV2 Datasheet HTML 61Page - NXP Semiconductors S12ECT16B8CV2 Datasheet HTML 62Page - NXP Semiconductors S12ECT16B8CV2 Datasheet HTML 63Page - NXP Semiconductors S12ECT16B8CV2 Datasheet HTML 64Page - NXP Semiconductors S12ECT16B8CV2 Datasheet HTML 65Page - NXP Semiconductors S12ECT16B8CV2 Datasheet HTML 66Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 152 page
background image
MC9S12XDP512 Device User Guide — 9S12XDP512DGV1/D V01.12
$0398
XGSWT (hi)
Read:
00000000
Write:
XGSWTM[7:0]
$0399
XGSWT (lo)
Read:
XGSWT[7:0]
Write:
$039A
XGSEM (hi)
Read:
00000000
Write:
XGSEMM[7:0]
$039B
XGSEM (lo)
Read:
XGSEM[7:0]
Write:
$039C
Reserved
Read:
00000000
Write:
$039D
XGCCR
Read:
0000
XGN
XGZ
XGV
XGC
Write:
$039E
XGPC (hi)
Read:
XGPC[15:8]
Write:
$039F
XGPC (lo)
Read:
XGPC[7:0]
Write:
$03A0
Reserved
Read:
00000000
Write:
$03A1
Reserved
Read:
00000000
Write:
$03A2
XGR1 (hi)
Read:
XGR1[15:8]
Write:
$03A3
XGR1 (lo)
Read:
XGR1[7:0]
Write:
$03A4
XGR2 (hi)
Read:
XGR2[15:8]
Write:
$03A5
XGR2 (lo)
Read:
XGR2[7:0]
Write:
$03A6
XGR3 (hi)
Read:
XGR3[15:8]
Write:
$03A7
XGR3 (lo)
Read:
XGR3[7:0]
Write:
$03A8
XGR4 (hi)
Read:
XGR4[15:8]
Write:
$03A9
XGR4 (lo)
Read:
XGR4[7:0]
Write:
$03AA
XGR5 (hi)
Read:
XGR5[15:8]
Write:
$03AB
XGR5( lo)
Read:
XGR5[7:0]
Write:
$03AC
XGR6 (hi)
Read:
XGR6[15:8]
Write:
$03AD
XGR6 ( lo)
Read:
XGR6[7:0]
Write:
$03AE
XGR7 (hi)
Read:
XGR7[15:8]
Write:
$03AF
XGR7 (lo)
Read:
XGR7[7:0]
Write:
$03B0 -
$03BF
Reserved
Read:
00000000
Write:
$0380 - $03BF
XGATE Map
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com