| Electronic Components Datasheet Search |
|
S12ECT16B8CV2 Datasheet(PDF) 91 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
S12ECT16B8CV2 Datasheet(HTML) 91 Page - NXP Semiconductors |
|
91 / 152 page ![]() MC9S12XDP512 Device User Guide — 9S12XDP512DGV1/D V01.12 4.2.4 Voltage Regulator Pin Control The logic level on the voltage regulator enable VREGEN pin determines whether the on chip voltage regulator is used or not. 4.2.5 Register visibility in Emulation and Expanded modes Table 4-6 shows a list of registers which may need to be "re-built" externally when using the MC9S12XDP512 in emulation modes. The notation "RE" and "RI" in the table refers to the source of the read data for the registers in each mode. In some cases the write data should update both the internal register and the external bus “WG". The change to the internal registers should have the same effect on the device operation when it is external. RI: Read internal only, RE: Read external only, R0: Ready always 0 WI: write internal only, WG: Write int & ext, NW: No write Table 4-5 Voltage Regulator VREGEN VREGEN Description 1 Internal Voltage Regulator enabled 0 Internal Voltage Regulator disabled, VDD1,2 and VDDPLL must be supplied externally with 2.5V Table 4-6 Register Accessibility of Port Replacement Registers (PRR) Single Chip modes Expanded Modes Port/Address Module Special Single Chip Normal Single Chip Emulation Single Chip Normal Expanded Mode Emulation Expanded Mode Special Test Mode PORTA/$0000 PIM RI/WI RI/WI RE/WG RI/WI RE/WG RI/WI PORTB/$0001 PIM RI/WI RI/WI RE/WG RI/WI RE/WG RI/WI DDRA/$0002 PIM RI/WI RI/WI RE/WG RI/WI RE/WG RI/WI DDRB/$0003 PIM RI/WI RI/WI RE/WG RI/WI RE/WG RI/WI PORTC/$0004 PIM RI/WI RI/WI RE/WG RI/WI RE/WG RI/WI PORTD/$0005 PIM RI/WI RI/WI RE/WG RI/WI RE/WG RI/WI DDRC/$0006 PIM RI/WI RI/WI RE/WG RI/WI RE/WG RI/WI DDRD/$0007 PIM RI/WI RI/WI RE/WG RI/WI RE/WG RI/WI PORTE/$0008 PIM RI/WI RI/WI RE/WG RI/WI RE/WG RI/WI DDRE/$0009 PIM RI/WI RI/WI RE/WG RI/WI RE/WG RI/WI EIFCTL/$000A EBI RI/WI RI/WI RE/WG RI/WI RE/WG RI/WI MODE/$000B EBI RI/WI RI/WI RE/WG RI/WI RE/WG RI/WI PUCR/$000C PIM RI/WI RI/WI RE/WG RI/WI RE/WG RI/WI RDRIV/$000D PIM RI/WI RI/WI RE/WG RI/WI RE/WG RI/WI RSVD/$000E EBI R0/NW R0/NW R0/NW R0/NW R0/NW R0/NW RSVD/$000F EBI R0/NW R0/NW R0/NW R0/NW R0/NW R0/NW Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |