Electronic Components Datasheet Search
  English  ▼

X  

DSP56300FM/AD Datasheet(PDF) 13 Page - NXP Semiconductors

Part # DSP56300FM/AD
Description  24-Bit Digital Signal Processor
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56300FM/AD Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button DSP56300FM/AD Datasheet HTML 9Page - NXP Semiconductors DSP56300FM/AD Datasheet HTML 10Page - NXP Semiconductors DSP56300FM/AD Datasheet HTML 11Page - NXP Semiconductors DSP56300FM/AD Datasheet HTML 12Page - NXP Semiconductors DSP56300FM/AD Datasheet HTML 13Page - NXP Semiconductors DSP56300FM/AD Datasheet HTML 14Page - NXP Semiconductors DSP56300FM/AD Datasheet HTML 15Page - NXP Semiconductors DSP56300FM/AD Datasheet HTML 16Page - NXP Semiconductors DSP56300FM/AD Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 120 page
background image
1-7
External Memory Expansion Port (Port A)
BR
Output
Output
(deasserted)
Bus Request
Asserted when the DSP requests bus mastership and
deasserted when the DSP no longer needs the bus. BR can be
asserted or deasserted independently of whether the DSP56305
is a bus master or a bus slave. Bus “parking” allows BR to be
deasserted even though the DSP56305 is the bus master (see
the description of bus “parking” in the BB signal description). The
Bus Request Hole (BRH) bit in the BCR allows BR to be
asserted under software control, even though the DSP does not
need the bus. BR is typically sent to an external bus arbitrator
that controls the priority, parking and tenure of each master on
the same external bus. BR is affected only by DSP requests for
the external bus, never for the internal bus. During hardware
reset, BR is deasserted and the arbitration is reset to the bus
slave state.
BG
Input
Ignored Input
Bus Grant
Must be asserted/deasserted synchronous to CLKOUT for
proper operation. An external bus arbitration circuit asserts BG
when the DSP56305 becomes the next bus master. When BG is
asserted, the DSP56305 must wait until BB is deasserted before
taking bus mastership. When BG is deasserted, bus mastership
is typically given up at the end of the current bus cycle. This may
occur in the middle of an instruction that requires more than one
external bus cycle for execution.
BB
Input/
Output
Input
Bus Busy
Indicates that the bus is active and must be asserted and
deasserted synchronous to CLKOUT. Only after BB is
deasserted can the pending bus master become the bus master
(and then assert the signal again). The bus master can keep BB
asserted after ceasing bus activity, regardless of whether BR is
asserted or deasserted. This is called “bus parking” and allows
the current bus master to reuse the bus without re-arbitration
until another device requires the bus. BB is deasserted by an
“active pull-up” method (that is, BB is driven high and then
released and held high by an external pull-up resistor).
BB requires an external pull-up resistor.
BL
Output
Driven high
(deasserted)
Bus Lock—BL is asserted at the start of an external divisible
Read-Modify-Write (RMW) bus cycle, remains asserted between
the read and write cycles, and is deasserted at the end of the
write bus cycle. This provides an “early bus start” signal for the
bus controller. BL may be used to “resource lock” an external
multi-port memory for secure semaphore updates. Early
deassertion provides an “early bus end” signal useful for external
bus control. If the external bus is not used during an instruction
cycle, BL remains deasserted until the next external indivisible
RMW cycle. The only instructions that assert BL automatically
are the BSET, CLR, and BCHG instructions when they are used
to modify external memory. An operation can also assert BL by
setting the BLH bit in the Bus Control Register.
Table 1-8. External Bus Control Signals (Continued)
Signal
Name
Type
State
During
Reset
Signal Description
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com