Electronic Components Datasheet Search
  English  ▼

X  

DSP56300FM/AD Datasheet(PDF) 74 Page - NXP Semiconductors

Part # DSP56300FM/AD
Description  24-Bit Digital Signal Processor
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56300FM/AD Datasheet(HTML) 74 Page - NXP Semiconductors

Back Button DSP56300FM/AD Datasheet HTML 70Page - NXP Semiconductors DSP56300FM/AD Datasheet HTML 71Page - NXP Semiconductors DSP56300FM/AD Datasheet HTML 72Page - NXP Semiconductors DSP56300FM/AD Datasheet HTML 73Page - NXP Semiconductors DSP56300FM/AD Datasheet HTML 74Page - NXP Semiconductors DSP56300FM/AD Datasheet HTML 75Page - NXP Semiconductors DSP56300FM/AD Datasheet HTML 76Page - NXP Semiconductors DSP56300FM/AD Datasheet HTML 77Page - NXP Semiconductors DSP56300FM/AD Datasheet HTML 78Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 120 page
background image
2-44
AC Electrical Characteristics
2.6.8 ESSI0/ESSI1 Timing
Table 2-22. ESSI Timings
No.
Characteristics4, 5, 7
Symbol
Expression
80 MHz
100 MHz
Cond-
ition6
Unit
Min
Max
Min
Max
430
Clock cycle
1
tSSICC
3
× T
C
4
× T
C
50.0
37.5
—
—
30.0
40.0
—
—
x ck
i ck
ns
431
Clock high period
For internal clock
For external clock
2
× T
C − 10.0
1.5
× T
C
15.0
18.8
—
—
10.0
15.0
—
—
ns
ns
432
Clock low period
For internal clock
For external clock
2
× T
C − 10.0
1.5
× T
C
15.0
18.8
—
—
10.0
15.0
—
—
ns
ns
433
RXC rising edge to FSR out (bl) high
—
—
37.0
22.0
—
—
37.0
22.0
x ck
i ck a
ns
434
RXC rising edge to FSR out (bl) low
—
—
37.0
22.0
—
—
37.0
22.0
x ck
i ck a
ns
435
RXC rising edge to FSR out (wr) high
2
—
—
39.0
24.0
—
—
39.0
24.0
x ck
i ck a
ns
436
RXC rising edge to FSR out (wr) low2
—
—
39.0
24.0
—
—
39.0
24.0
x ck
i ck a
ns
437
RXC rising edge to FSR out (wl) high
—
—
36.0
21.0
—
—
36.0
21.0
x ck
i ck a
ns
438
RXC rising edge to FSR out (wl) low
—
—
37.0
22.0
—
—
37.0
22.0
x ck
i ck a
ns
439
Data in setup time before RXC (SCK in
Synchronous mode) falling edge
10.0
19.0
—
—
10.0
19.0
—
—
x ck
i ck
ns
440
Data in hold time after RXC falling edge
5.0
3.0
—
—
5.0
3.0
—
—
x ck
i ck
ns
441
FSR input (bl, wr) high before RXC falling edge
2
1.0
23.0
—
—
1.0
23.0
—
—
x ck
i ck a
ns
442
FSR input (wl) high before RXC falling edge
3.5
23.0
—
—
3.5
23.0
—
—
x ck
i ck a
ns
443
FSR input hold time after RXC falling edge
3.0
0.0
—
—
3.0
0.0
—
—
x ck
i ck a
ns
444
Flags input setup before RXC falling edge
5.5
19.0
—
—
5.5
19.0
—
—
x ck
i ck s
ns
445
Flags input hold time after RXC falling edge
6.0
0.0
—
—
6.0
0.0
—
—
x ck
i ck s
ns
446
TXC rising edge to FST out (bl) high
—
—
29.0
15.0
—
—
29.0
15.0
x ck
i ck
ns
447
TXC rising edge to FST out (bl) low
—
—
31.0
17.0
—
—
31.0
17.0
x ck
i ck
ns
448
TXC rising edge to FST out (wr) high2
—
—
31.0
17.0
—
—
31.0
17.0
x ck
i ck
ns
449
TXC rising edge to FST out (wr) low2
—
—
33.0
19.0
—
—
33.0
19.0
x ck
i ck
ns
450
TXC rising edge to FST out (wl) high
—
—
30.0
16.0
—
—
30.0
16.0
x ck
i ck
ns
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com