Electronic Components Datasheet Search
  English  ▼

X  

DSP56300FM/AD Datasheet(PDF) 39 Page - NXP Semiconductors

Part # DSP56300FM/AD
Description  24-Bit Digital Signal Processor
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56300FM/AD Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button DSP56300FM/AD Datasheet HTML 35Page - NXP Semiconductors DSP56300FM/AD Datasheet HTML 36Page - NXP Semiconductors DSP56300FM/AD Datasheet HTML 37Page - NXP Semiconductors DSP56300FM/AD Datasheet HTML 38Page - NXP Semiconductors DSP56300FM/AD Datasheet HTML 39Page - NXP Semiconductors DSP56300FM/AD Datasheet HTML 40Page - NXP Semiconductors DSP56300FM/AD Datasheet HTML 41Page - NXP Semiconductors DSP56300FM/AD Datasheet HTML 42Page - NXP Semiconductors DSP56300FM/AD Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 120 page
background image
2-9
AC Electrical Characteristics
28
DMA Request Rate
•
Data read from HI32, ESSI, SCI
•
Data write to HI32, ESSI, SCI
•Timer
•IRQ, NMI (edge trigger)
6
× T
C
7
× T
C
2
× T
C
3
× T
C
—
—
—
—
75.0
87.5
25.0
37.5
—
—
—
—
60.0
70.0
20.0
30.0
ns
ns
ns
ns
29
Delay from IRQA, IRQB, IRQC, IRQD, NMI assertion to external
memory (DMA source) access address out valid
4.25
× T
C + 2.0
55.1
—
44.5
—
ns
Notes:
1.
When using fast interrupts and IRQA, IRQB, IRQC, and IRQD are defined as level-sensitive, timings 19 through 21 apply to prevent
multiple interrupt service. To avoid these timing restrictions, the deasserted Edge-triggered mode is recommended when using fast
interrupts. Long interrupts are recommended when using Level-sensitive mode.
2.
This timing depends on several settings:
• For PLL disable, using internal oscillator (PLL Control Register (PCTL) Bit 16 = 0) and oscillator disabled during Stop (PCTL Bit 17
= 0), a stabilization delay is required to assure that the oscillator is stable before programs are executed. Resetting the Stop delay
(Operating Mode Register Bit 6 = 0) provides the proper delay. While Operating Mode Register Bit 6 = 1 can be set, it is not
recommended, and these specifications do not guarantee timings for that case.
• For PLL disable, using internal oscillator (PCTL Bit 16 = 0) and oscillator enabled during Stop (PCTL Bit 17=1), no stabilization
delay is required and recovery is minimal (Operating Mode Register Bit 6 setting is ignored).
• For PLL disable, using external clock (PCTL Bit 16 = 1), no stabilization delay is required and recovery time is defined by the PCTL
Bit 17 and Operating Mode Register Bit 6 settings.
• For PLL enable, if PCTL Bit 17 is 0, the PLL is shutdown during Stop. Recovering from Stop requires the PLL to get locked. The
PLL lock procedure duration, PLL Lock Cycles (PLC), may be in the range of 0 to 1000 cycles. This procedure occurs in parallel with
the stop delay counter, and stop recovery ends when the last of these two events occurs. The stop delay counter completes count or
PLL lock procedure completion.
• PLC value for PLL disable is 0.
• The maximum value for ETC is 4096 (maximum MF) divided by the desired internal frequency (that is, for 66 MHz it is 4096/66 MHz
= 62
µs). During the stabilization period, T
C, TH, and TL is not constant, and their width may vary, so timing may vary as well.
3.
Periodically sampled and not 100 percent tested.
4.
Value depends on clock source:
• For an external clock generator, RESET duration is measured while RESET is asserted, VCC is valid, and the EXTAL input is active
and valid.
• For an internal oscillator, RESET duration is measured while RESET is asserted and VCC is valid. The specified timing reflects the
crystal oscillator stabilization time after power-up. This number is affected both by the specifications of the crystal and other
components connected to the oscillator and reflects worst case conditions.
• When the VCC is valid, but the other “required RESET duration” conditions (as specified above) have not been yet met, the device
circuitry is in an uninitialized state that can result in significant power consumption and heat-up. Designs should minimize this state to
the shortest possible duration.
5.
If PLL does not lose lock.
6.
VCC = 3.3 V ± 0.3 V; TJ = –40°C to +100°C, CL = 50 pF.
7.
WS = number of wait states (measured in clock cycles, number of TC).
8.
Use the expression to compute a maximum value.
Figure 2-3. Reset Timing
Table 2-7. Reset, Stop, Mode Select, and Interrupt Timing6 (Continued)
No.
Characteristics
Expression
80 MHz
100 MHz
Unit
Min
Max
Min
Max
VIH
RESET
Reset Value
First Fetch
All Pins
A[0–23]
8
9
10
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com