Electronic Components Datasheet Search
  English  ▼

X  

DSP56300FM/AD Datasheet(PDF) 21 Page - NXP Semiconductors

Part # DSP56300FM/AD
Description  24-Bit Digital Signal Processor
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56300FM/AD Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button DSP56300FM/AD Datasheet HTML 17Page - NXP Semiconductors DSP56300FM/AD Datasheet HTML 18Page - NXP Semiconductors DSP56300FM/AD Datasheet HTML 19Page - NXP Semiconductors DSP56300FM/AD Datasheet HTML 20Page - NXP Semiconductors DSP56300FM/AD Datasheet HTML 21Page - NXP Semiconductors DSP56300FM/AD Datasheet HTML 22Page - NXP Semiconductors DSP56300FM/AD Datasheet HTML 23Page - NXP Semiconductors DSP56300FM/AD Datasheet HTML 24Page - NXP Semiconductors DSP56300FM/AD Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 120 page
background image
1-15
Host Interface (HI32)
HSERR
HIRQ
Output, open
drain
Output, open
drain
Tri-stated
Host System Error
When the HI32 is programmed to interface with a PCI bus and
the HI function is selected, this is the Host System Error signal.
Host Interrupt Request
When HI32 is programmed to interface with a universal, non-PCI
bus and the HI function is selected, this is the Host Interrupt
Request signal.
Port B
When the HI32 is configured as GPIO through the DCTR, this
signal is internally disconnected.
This input is 5 V tolerant.
HSTOP
HWR/HRW
Input/
Output
Input
Tri-stated
Host Stop
When the HI32 is programmed to interface with a PCI bus and
the HI function is selected, this is the Host Stop signal.
Host Write/Host Read-Write
When HI32 is programmed to interface with a universal, non-PCI
bus and the HI function is selected, this is the Host Write/Host
Read-Write Schmitt-trigger signal.
Port B
When the HI32 is configured as GPIO through the DCTR, this
signal is internally disconnected.
This input is 5 V tolerant.
HIDSEL
HRD/HDS
Input
Input
Input
Host Initialization Device Select
When the HI32 is programmed to interface with a PCI bus and
the HI function is selected, this is the Host Initialization Device
Select signal.
Host Read/Host Data Strobe
When HI32 is programmed to interface with a universal, non-PCI
bus and the HI function is selected, this is the Host Data
Read/Host Data Strobe Schmitt-trigger signal.
Port B
When the HI32 is configured as GPIO through the DCTR, this
signal is internally disconnected.
This input is 5 V tolerant.
Table 1-11. Host Interface (Continued)
Signal
Name
Type
State
During
Reset
Signal Description
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com