Electronic Components Datasheet Search
  English  ▼

X  

DSP56300FM/AD Datasheet(PDF) 38 Page - NXP Semiconductors

Part # DSP56300FM/AD
Description  24-Bit Digital Signal Processor
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56300FM/AD Datasheet(HTML) 38 Page - NXP Semiconductors

Back Button DSP56300FM/AD Datasheet HTML 34Page - NXP Semiconductors DSP56300FM/AD Datasheet HTML 35Page - NXP Semiconductors DSP56300FM/AD Datasheet HTML 36Page - NXP Semiconductors DSP56300FM/AD Datasheet HTML 37Page - NXP Semiconductors DSP56300FM/AD Datasheet HTML 38Page - NXP Semiconductors DSP56300FM/AD Datasheet HTML 39Page - NXP Semiconductors DSP56300FM/AD Datasheet HTML 40Page - NXP Semiconductors DSP56300FM/AD Datasheet HTML 41Page - NXP Semiconductors DSP56300FM/AD Datasheet HTML 42Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 120 page
background image
2-8
AC Electrical Characteristics
21
Delay from WR assertion to interrupt request deassertion for
level sensitive fast interrupts
1
•
DRAM for all WS7
•SRAM WS = 1
•SRAM WS = 2, 3
•SRAM WS
≥ 4
80 MHz:
(WS + 3.5)
× T
C – 12.4
100 MHz:
(WS + 3.5)
× T
C – 10.94
80 MHz:
(WS + 3.5)
× T
C – 12.4
100 MHz:
(WS + 3.5)
× T
C – 10.94
80 MHz:
(WS + 3)
× T
C – 12.4
100 MHz:
(WS + 3)
× T
C – 10.94
80 MHz:
(WS + 2.5)
× T
C – 12.4
100 MHz:
(WS + 2.5)
× T
C – 10.94
—
—
—
—
Note 8
Note 8
Note 8
Note 8
—
—
—
—
Note 8
Note 8
Note 8
Note 8
ns
ns
ns
ns
ns
ns
ns
ns
22
Synchronous interrupt setup time from IRQA, IRQB, IRQC,
IRQD, NMI assertion to the CLKOUT Transition 2
7.4
TC
5.9
TC
ns
23
Synchronous interrupt delay time from the CLKOUT Transition
2 to the first external address output valid caused by the first
instruction fetch after coming out of Wait Processing state
•
Minimum
•
Maximum
8.25
× T
C + 1.0
24.75
× T
C + 5.0
116.6
—
—
314.4
83.5
—
—
252.5
ns
ns
24
Duration for IRQA assertion to recover from Stop state
7.4
—
5.9
—
ns
25
Delay from IRQA assertion to fetch of first instruction (when
exiting Stop)2, 3
•
PLL is not active during Stop (PCTL Bit 17 = 0) and Stop
delay is enabled (Operating Mode Register Bit 6 = 0)
•
PLL is not active during Stop (PCTL Bit 17 = 0) and Stop
delay is not enabled (Operating Mode Register Bit 6 = 1)
•
PLL is active during Stop (PCTL Bit 17 = 1) (Implies No Stop
Delay)
PLC
× ET
C × PDF + (128 K −
PLC/2)
× T
C
PLC
× ET
C × PDF + (23.75 ±
0.5)
× T
C
(9.25 ± 0.5)
× TC
1.6
290.6 ns
109.4
17.0
15.4 ms
121.9
1.3
232.5
ns
87.5
13.6
12.3
ms
97.5
ms
ns
26
Duration of level sensitive IRQA assertion to ensure interrupt
service (when exiting Stop)
2, 3
•
PLL is not active during Stop (PCTL Bit 17 = 0) and Stop
delay is enabled (Operating Mode Register Bit 6 = 0)
•
PLL is not active during Stop (PCTL Bit 17 = 0) and Stop
delay is not enabled (Operating Mode Register Bit 6 = 1)
•
PLL is active during Stop (PCTL Bit 17 = 1) (implies no Stop
delay)
PLC
× ET
C × PDF + (128K −
PLC/2)
× T
C
PLC
× ET
C × PDF +
(20.5
± 0.5) × T
C
5.5
× T
C
17.0
15.4
68.8
—
—
—
13.6
12.3
55.0
—
—
—
ms
ms
ns
27
Interrupt Request Rate
•
HI32, ESSI, SCI, Timer
•DMA
•IRQ, NMI (edge trigger)
•IRQ, NMI (level trigger)
12
× T
C
8
× T
C
8
× T
C
12
× T
C
—
—
—
—
150.0
100.0
100.0
150.0
—
—
—
—
120.0
80.0
80.0
120.0
ns
ns
ns
ns
Table 2-7. Reset, Stop, Mode Select, and Interrupt Timing6 (Continued)
No.
Characteristics
Expression
80 MHz
100 MHz
Unit
Min
Max
Min
Max
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com