Electronic Components Datasheet Search
  English  ▼

X  

DSP56300FM/AD Datasheet(PDF) 1 Page - NXP Semiconductors

Part # DSP56300FM/AD
Description  24-Bit Digital Signal Processor
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56300FM/AD Datasheet(HTML) 1 Page - NXP Semiconductors

  DSP56300FM/AD Datasheet HTML 1Page - NXP Semiconductors DSP56300FM/AD Datasheet HTML 2Page - NXP Semiconductors DSP56300FM/AD Datasheet HTML 3Page - NXP Semiconductors DSP56300FM/AD Datasheet HTML 4Page - NXP Semiconductors DSP56300FM/AD Datasheet HTML 5Page - NXP Semiconductors DSP56300FM/AD Datasheet HTML 6Page - NXP Semiconductors DSP56300FM/AD Datasheet HTML 7Page - NXP Semiconductors DSP56300FM/AD Datasheet HTML 8Page - NXP Semiconductors DSP56300FM/AD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 120 page
background image
Technical Data
DSP56305/D
Rev. 4, 11/2002
24-Bit Digital Signal
Processor
Figure 1. DSP56305 Block Diagram
YAB
XAB
PAB
YDB
XDB
PDB
GDB
MODB/IRQB
MODC/IRQC
15
MODD/IRQD
DSP56300
6
51
24-Bit
24
24
DDB
DAB
Memory Expansion Area
Peripheral
Core
Expansion Area
6
3
RESET
MODA/IRQA
PINIT/NMI
2
EXTAL
XTAL
Control
Data
Address
Generation
Unit
Six Channel
DMA Unit
Program
Interrupt
Controller
Program
Decode
Controller
Program
Address
Generator
Data ALU
24
× 24 + 56 → 56-bit MAC
Two 56-bit Accumulators
56-bit Barrel Shifter
Power
Mngmnt
External
Bus
Interface
&
I-Cache
Control
External
Address
Bus
Switch
5
DE
Timer
Host
ESSI
SCI
FCOP
VCOP
CCOP
External
Data Bus
Switch
Address
Program
6.5 K
× 24
ROM
6 K
× 24
X Memory*
RAM
3.75 K
× 24
Y Memory
RAM
2 K
× 24
ROM
3 K
× 24
JTAG
OnCE™
PLL
Clock
Generator
Internal
Data
Bus
Switch
RAM
Memory*
*default
*default
Motorola designed
the DSP56305 to
deliver the high
performance required
to support Global
System for Mobile
(GSM)
communications
applications that use
digital signal
processing to perform
channel equalization,
channel coding, and
speech coding.
By combining three dedicated on-chip
hardware coprocessors (filter, Viterbi, and
cyclic code) with a DSP56300 core, the
DSP56305
performs all the complex signal
processing required by a single radio
frequency (RF) carrier in one chip, satisfying
the demand for high integration cost
effectively. The DSP56300 core includes an
on-chip PLL, a Data ALU, an instruction
cache, on-chip debugging modules, on-chip
program and data memory, six DMA
channels, and an external memory expansion
port. In addition to the coprocessors, the
DSP56305
provides two types of serial ports, a
PCI/Universal bus 32-bit host interface, and
timers (see Figure 1). The DSP56305 provides
an industry-leading performance rate of 100
MIPS at 3.3 V.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - DSP56300FM/AD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
DSP56300FM/AD MOTOROLA-DSP56300FM/AD Datasheet
1Mb / 128P
high density CMOS device with 3.3 V inputs and outputs
DSP56300FM/AD MOTOROLA-DSP56300FM/AD Datasheet
947Kb / 156P
24-BIT DIGITAL SIGNAL PROCESSOR
logo
Freescale Semiconductor...
DSP56300FM/AD FREESCALE-DSP56300FM/AD Datasheet
1Mb / 64P
a high-density CMOS device
logo
NXP Semiconductors
DSP56300FM/AD NXP-DSP56300FM/AD Datasheet
2Mb / 124P
24-Bit Digital Signal Processor
Rev. 10
DSP56300FM/AD NXP-DSP56300FM/AD Datasheet
246Kb / 8P
DSP56307EVM Evaluation Module
More results

Similar Description - DSP56300FM/AD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
DSP56309UM MOTOROLA-DSP56309UM Datasheet
4Mb / 424P
24-Bit Digital Signal Processor
DSP56L307 MOTOROLA-DSP56L307 Datasheet
1Mb / 108P
24-Bit Digital Signal Processor
DSP56307 MOTOROLA-DSP56307 Datasheet
947Kb / 156P
24-BIT DIGITAL SIGNAL PROCESSOR
logo
Freescale Semiconductor...
DSP56321 FREESCALE-DSP56321 Datasheet
1Mb / 84P
24-Bit Digital Signal Processor
DSP56301 FREESCALE-DSP56301 Datasheet
2Mb / 124P
24-Bit Digital Signal Processor
DSP56L307 FREESCALE-DSP56L307 Datasheet
1Mb / 104P
24-Bit Digital Signal Processor
DSP56321VF200R2 FREESCALE-DSP56321VF200R2 Datasheet
1Mb / 84P
24-Bit Digital Signal Processor
DSP56311VL150R2 FREESCALE-DSP56311VL150R2 Datasheet
1Mb / 96P
24-Bit Digital Signal Processor
logo
NXP Semiconductors
DSP56301 NXP-DSP56301 Datasheet
2Mb / 124P
24-Bit Digital Signal Processor
Rev. 10
DSP56001A NXP-DSP56001A Datasheet
1Mb / 101P
24-BIT DIGITAL SIGNAL PROCESSOR
Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com