Electronic Components Datasheet Search
  English  ▼

X  

DSP56300FM/AD Datasheet(PDF) 49 Page - NXP Semiconductors

Part # DSP56300FM/AD
Description  24-Bit Digital Signal Processor
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56300FM/AD Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button DSP56300FM/AD Datasheet HTML 45Page - NXP Semiconductors DSP56300FM/AD Datasheet HTML 46Page - NXP Semiconductors DSP56300FM/AD Datasheet HTML 47Page - NXP Semiconductors DSP56300FM/AD Datasheet HTML 48Page - NXP Semiconductors DSP56300FM/AD Datasheet HTML 49Page - NXP Semiconductors DSP56300FM/AD Datasheet HTML 50Page - NXP Semiconductors DSP56300FM/AD Datasheet HTML 51Page - NXP Semiconductors DSP56300FM/AD Datasheet HTML 52Page - NXP Semiconductors DSP56300FM/AD Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 120 page
background image
2-19
AC Electrical Characteristics
Table 2-11. DRAM Page Mode Timings, Four Wait States1, 2, 3
No.
Characteristics
Symbol
Expression
80 MHz
100 MHz
Unit
Min
Max
Min
Max
131
Page mode cycle time for two consecutive accesses of the
same direction
Page mode cycle time for mixed (read and write) accesses
tPC
5
× T
C
4.5
× T
C
62.5
56.2
—
—
50.0
45.0
—
—
ns
ns
132
CAS assertion to data valid (read)
tCAC
2.75
× T
C − 5.7
—
28.7
—
21.8
ns
133
Column address valid to data valid (read)
tAA
3.75
× T
C − 5.7
—
41.2
—
31.8
ns
134
CAS deassertion to data not valid (read hold time)
tOFF
0.0
—
0.0
—
ns
135
Last CAS assertion to RAS deassertion
tRSH
3.5
× T
C − 4.0
39.8
—
31.0
—
ns
136
Previous CAS deassertion to RAS deassertion
tRHCP
6
× T
C − 4.0
71.0
—
56.0
—
ns
137
CAS assertion pulse width
tCAS
2.5
× T
C − 4.0
27.3
—
21.0
—
ns
138
Last CAS deassertion to RAS assertion5
•
BRW[1–0] = 00
•
BRW[1–0] = 01
•
BRW[1–0] = 10
•
BRW[1–0] = 11
tCRP
Not supported
4.25
× T
C − 6.0
5.25
× T
C − 6.0
7.25
× T
C − 6.0
—
47.2
59.6
84.6
—
—
—
—
—
36.5
46.5
66.5
—
—
—
—
ns
ns
ns
ns
139
CAS deassertion pulse width
tCP
2
× T
C − 4.0
21.0
—
16.0
—
ns
140
Column address valid to CAS assertion
tASC
TC − 4.0
8.5
—
6.0
—
ns
141
CAS assertion to column address not valid
tCAH
3.5
× T
C − 4.0
39.8
—
31.0
—
ns
142
Last column address valid to RAS deassertion
tRAL
5
× T
C − 4.0
58.5
—
46.0
—
ns
143
WR deassertion to CAS assertion
tRCS
1.25
× T
C − 4.0
11.8
—
8.5
—
ns
144
CAS deassertion to WR assertion
tRCH
1.25
× T
C – 3.7
11.9
—
8.8
—
ns
145
CAS assertion to WR deassertion
tWCH
3.25
× T
C − 4.2
36.4
—
28.3
—
ns
146
WR assertion pulse width
tWP
4.5
× T
C − 4.5
51.8
—
40.5
—
ns
147
Last WR assertion to RAS deassertion
tRWL
4.75
× T
C − 4.3
55.1
—
43.2
—
ns
148
WR assertion to CAS deassertion
tCWL
3.75
× T
C − 4.3
42.6
—
33.2
—
ns
149
Data valid to CAS assertion (write)
tDS
0.5
× T
C – 4.8
1.5
—
0.2
—
ns
150
CAS assertion to data not valid (write)
tDH
3.5
× T
C − 4.0
39.8
—
31.0
—
ns
151
WR assertion to CAS assertion
tWCS
1.25
× T
C − 4.3
11.3
—
8.2
—
ns
152
Last RD assertion to RAS deassertion
tROH
4.5
× T
C − 4.0
52.3
—
41.0
—
ns
153
RD assertion to data valid
tGA
3.25
× T
C − 5.7
—
34.9
—
26.8
ns
154
RD deassertion to data not valid6
tGZ
0.0
—
0.0
—
ns
155
WR assertion to data active
0.75
× T
C – 1.5
7.9
—
6.0
—
ns
156
WR deassertion to data high impedance
0.25
× T
C
—3.1
—2.5
ns
Notes:
1.
The number of wait states for Page mode access is specified in the DCR.
2.
The refresh period is specified in the DCR.
3.
The asynchronous delays specified in the expressions are valid for DSP56305.
4.
All the timings are calculated for the worst case. Some of the timings are better for specific cases (for example, tPC equals
3
× T
C for read-after-read or write-after-write sequences).
5.
BRW[1–0] (DRAM control register bits) defines the number of wait states that should be inserted in each DRAM out-of-page
access. N/A = does not apply because 100 MHz requires a minimum of three wait states.
6.
RD deassertion always occurs after CAS deassertion; therefore, the restricted timing is tOFF and not tGZ.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com