Electronic Components Datasheet Search
  English  ▼

X  

DSP56300FM/AD Datasheet(PDF) 32 Page - NXP Semiconductors

Part # DSP56300FM/AD
Description  24-Bit Digital Signal Processor
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56300FM/AD Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button DSP56300FM/AD Datasheet HTML 28Page - NXP Semiconductors DSP56300FM/AD Datasheet HTML 29Page - NXP Semiconductors DSP56300FM/AD Datasheet HTML 30Page - NXP Semiconductors DSP56300FM/AD Datasheet HTML 31Page - NXP Semiconductors DSP56300FM/AD Datasheet HTML 32Page - NXP Semiconductors DSP56300FM/AD Datasheet HTML 33Page - NXP Semiconductors DSP56300FM/AD Datasheet HTML 34Page - NXP Semiconductors DSP56300FM/AD Datasheet HTML 35Page - NXP Semiconductors DSP56300FM/AD Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 120 page
background image
2-2
Absolute Maximum Ratings
2.3 Absolute Maximum Ratings
2.4 Thermal Characteristics
Table 2-1. Maximum Ratings
Rating1
Symbol
Value1, 2
Unit
Supply Voltage
VCC
–0.3 to +4.0
V
All input voltages excluding “5 V tolerant” inputs
3
VIN
GND – 0.3 to VCC + 0.3
V
All “5 V tolerant” input voltages3
VIN5
GND – 0.3 to VCC + 3.95
V
Current drain per pin excluding VCC and GND
I
10
mA
Operating temperature range
TJ
–40 to +100
°C
Storage temperature
TSTG
–55 to +150
°C
Notes:
1.
GND = 0 V, VCC = 3.3 V ± 0.3 V, TJ = –40°C to +100°C, CL = 50 pF
2.
Absolute maximum ratings are stress ratings only, and functional operation at the maximum is not
guaranteed. Stress beyond the maximum rating may affect device reliability or cause permanent
damage to the device.
3.
CAUTION: All “5 V Tolerant” input voltages cannot be more than 3.95 V greater than the supply
voltage; this restriction applies to “power on,” as well as during normal operation. In any case, the
input voltages must not be higher than 5.75 V. “5 V Tolerant” inputs are inputs that tolerate 5 V.
Table 2-2. Thermal Characteristics
Characteristic
Symbol
PBGA3
Value
PBGA4
Value
Unit
Junction-to-ambient thermal resistance1
RθJA or θJA
48.4
25.2
°C/W
Junction-to-case thermal resistance
2
RθJC or θJC
9
—
°C/W
Thermal characterization parameter
Ψ
JT
5
—
°C/W
Notes:
1.
Junction-to-ambient thermal resistance is based on measurements on a horizontal single-sided
printed circuit board per JEDEC Specification JESD51-3.
2.
Junction-to-case thermal resistance is based on measurements using a cold plate per SEMI G30-88,
with the exception that the cold plate temperature is used for the case temperature.
3.
These are simulated values. See note 1 for test board conditions.
4.
These are simulated values. The test board has two 2-ounce signal layers and two 1-ounce solid
ground planes internal to the test board.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com