Electronic Components Datasheet Search
  English  ▼

X  

FS6408 Datasheet(PDF) 23 Page - NXP Semiconductors

Part # FS6408
Description  Power system basis chip with high speed can transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS6408 Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button FS6408 Datasheet HTML 19Page - NXP Semiconductors FS6408 Datasheet HTML 20Page - NXP Semiconductors FS6408 Datasheet HTML 21Page - NXP Semiconductors FS6408 Datasheet HTML 22Page - NXP Semiconductors FS6408 Datasheet HTML 23Page - NXP Semiconductors FS6408 Datasheet HTML 24Page - NXP Semiconductors FS6408 Datasheet HTML 25Page - NXP Semiconductors FS6408 Datasheet HTML 26Page - NXP Semiconductors FS6408 Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 111 page
background image
NXP Semiconductors
23
FS6407/FS6408
5.6
VCCA output, 5.0 V or 3.3 V selectable
The VCCA voltage regulator is used to provide an accurate voltage output (5.0 V, 3.3 V) selectable through an external resistor connected
to the SELECT pin.
The VCCA output voltage regulator can be configured using an internal transistor delivering very good accuracy (
±1.0% for 5.0 V
configuration and
±1.5% for 3.3 V configuration), with a limited current capability (100 mA) for an analog to digital converter, or with an
external PNP transistor, giving higher current capability (up to 300 mA) with lower output voltage accuracy (
±3.0% for 300 mA) when using
a local supply.
Current limitation, overvoltage, and undervoltage detectors are provided. VCCA can be turned ON or OFF via a SPI command, however
it is not recommended to turn OFF VCCA by SPI when VCCA is configured safety critical (both overvoltage and undervoltage have an
impact on RSTB and FS0B). VCCA overcurrent (with the use of external PNP only) and overvoltage information disables VCCA.
Diagnostics are reported in the dedicated register and generate an Interrupt. VCCA is enabled by default.
5.7
VAUX output, 5.0 V or 3.3 V selectable
The VAUX pin provides an auxiliary output voltage (5.0 V, 3.3 V) selectable through an external resistor connected to SELECT pin. It uses
an external PNP ballast transistor for flexibility and power dissipation constraints. The VAUX output voltage regulator can be used as
“auxiliary supply” (local supply) or “sensor supply” (external supply) with the possibility to be configured as a tracking regulator following
VCCA.
Current limitation, overvoltage, and undervoltage detectors are provided. VAUX can be turned ON or OFF via a SPI command, however
it is not recommended to turn OFF VAUX by the SPI when VAUX is configured safety critical (both overvoltage and undervoltage have an
impact on RSTB and FS0B). VAUX overcurrent and overvoltage information disables VAUX, reported in the dedicated register, and
generates an Interrupt. VAUX is enabled by default.
5.8
SELECT input (VCCA, VAUX voltage configuration)
VCCA and VAUX output voltage configurations are set by connecting an external resistor between the SELECT pin and Ground.
According to the value of this resistor, the voltage of VCCA and VAUX are configured after each Power On Reset, and after a wake-up
event when device is in LPOFF. Information latches until the next hardware configuration read. Regulator voltage values can be read on
the dedicated register via the SPI.
When VAUX is not used, the output VCCA voltage configuration is set using an external resistor connected between the SELECT and the
VPRE pin.
Table 6. VCCA/VAUX voltage selection (Figure 50)
VCCA(V)
VAUX(V)
R Select
Recommended value
3.3
3.3
<7.0 K
Ω
5.1 K
Ω ±5.0%
5.0
5.0
10.8 << 13.2 K
Ω
12 K
Ω ±5.0%
3.3
5.0
21.6 << 26.2 K
Ω
24 K
Ω ±5.0%
5.0
3.3
45.9 << 56.1 K
Ω
51 K
Ω ±5.0%
Table 7. VCCA voltage selection (VAUX not used, Figure 51, Figure 52)
VCCA(V)
R Select
Recommended Value
3.3
<7.0 K
Ω
5.1 K
Ω ±5.0%
21.6 << 26.2 K
Ω
24 K
Ω ±5.0%
5.0
10.8 << 13.2 K
Ω
12 K
Ω ±5.0%
45.9 << 56.1 K
Ω
51 K
Ω ±5.0%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com