Electronic Components Datasheet Search
  English  ▼

X  

FS6408 Datasheet(PDF) 34 Page - NXP Semiconductors

Part # FS6408
Description  Power system basis chip with high speed can transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS6408 Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button FS6408 Datasheet HTML 30Page - NXP Semiconductors FS6408 Datasheet HTML 31Page - NXP Semiconductors FS6408 Datasheet HTML 32Page - NXP Semiconductors FS6408 Datasheet HTML 33Page - NXP Semiconductors FS6408 Datasheet HTML 34Page - NXP Semiconductors FS6408 Datasheet HTML 35Page - NXP Semiconductors FS6408 Datasheet HTML 36Page - NXP Semiconductors FS6408 Datasheet HTML 37Page - NXP Semiconductors FS6408 Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 111 page
background image
34
NXP Semiconductors
FS6407/FS6408
6.5.2
Watchdog operation
A windowed watchdog is implemented in the FS6407/FS6408 and is based on “question/answer” principle (Challenger). The watchdog
must be continuously triggered by the MCU in the open watchdog window, otherwise an error is generated. The error handling and
watchdog operations are managed by the Fail-safe state machine. For debugging purpose, this functionality can be inhibited by setting
the right voltage on the DEBUG pin at start-up.
The watchdog window duration is selectable through the SPI during the INIT FS phase or in Normal mode. The following values are
available: 1.0 ms, 2.0 ms, 3.0 ms, 4.0 ms, 6.0 ms, 8.0 ms, 12 ms, 16.0 ms, 24 ms, 32 ms, 64 ms, 128 ms, 256 ms, 512 ms, and 1024 ms.
The watchdog can also be inhibited through the SPI register to allow “reprogramming” (ie.at vehicle level through CAN).
An 8-bit pseudo-random word is generated, due to a linear feedback shift register implemented in the FS6407/FS6408. The MCU can
send the seed of the LFSR or use the LFSR generated by the FS6407/FS6408 during the INIT phase and performs a pre-defined
calculation. The result is sent through the SPI during the “open” watchdog window and verified by the FS6407/FS6408. When the result
is right, a new LFSR is generated and the watchdog window is restarted. When the result is wrong, the WD error counter is incremented,
the watchdog window is restarted, and the LFSR value is not changed. Any access to the WD register during the “closed” watchdog
window is considered a wrong WD refresh.
6.5.2.1
Normal operation (first watchdog refresh)
At power up, when the RSTB is released as high (after around 16 ms), the INIT phase starts for a maximum duration of 256 ms and this
is considered as a fully open watchdog window. During this initialization phase the MCU sends the seed for the LFSR, or uses the default
LFSR value generated by the FS6407/FS6408 (0xB2), available in the WD_LFSR register (Table 74). Using this LFSR, the MCU performs
a simple calculation based on this formula. As an example, the result of this calculation based on LFSR default value (0xB2) is 0x4D.
Figure 12. Watchdog answer calculation
The MCU sends the results in the WD answer register (Table 76). When the watchdog is properly refreshed during the open window, the
256 ms open window is stopped and the initialization phase is finished. A new LFSR is generated and available in the WD LFSR register,
Table 73. If the watchdog refresh is wrong or if the watchdog is not refreshed during this 256 ms open window (INIT FS phase), the device
asserts the reset low and the RSTB error counter is incremented by “1”.
After a good watchdog refresh, the device enters the Normal WD refresh mode, where open and closed windows are defined either by
the configuration made during initialization phase in the watchdog window register (Table 72), or by the default value already present in
this register (3.0 ms).
6.5.2.2
Normal watchdog refresh
The watchdog must be refreshed during every open window of the window period configured in the register Table 72. Any WD refresh
restarts the window. This ensures the synchronization between MCU and FS6407/FS6408.
The duration of the “window” is selectable through the SPI with no access restriction, means the window duration can be changed in the
INIT phase or Normal mode. Doing the change in normal operation allow the system integrator to configure the watchdog window duration
on the fly:
• The new WD window duration (except after disable) is taken into account when a write in the WD_answer register occurs (good or bad
WD answer) or when the previous WD window is finished without any writing (WD timeout)
• The new WD window duration after disable is taken into account when SPI command is validated
The duty cycle of the window is set to 50% and is not modifiable.
Figure 13. Windowed watchdog
LFSR_OUT[7:0]
x
4
+
6
-
4
NOT
/
4
WD_answer[7:0]
Window Period
CLOSED
CLOSED
OPEN
OPEN
Refresh
Slot
Refresh
Slot



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com