Electronic Components Datasheet Search
  English  ▼

X  

FS6408 Datasheet(PDF) 75 Page - NXP Semiconductors

Part # FS6408
Description  Power system basis chip with high speed can transceiver
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS6408 Datasheet(HTML) 75 Page - NXP Semiconductors

Back Button FS6408 Datasheet HTML 71Page - NXP Semiconductors FS6408 Datasheet HTML 72Page - NXP Semiconductors FS6408 Datasheet HTML 73Page - NXP Semiconductors FS6408 Datasheet HTML 74Page - NXP Semiconductors FS6408 Datasheet HTML 75Page - NXP Semiconductors FS6408 Datasheet HTML 76Page - NXP Semiconductors FS6408 Datasheet HTML 77Page - NXP Semiconductors FS6408 Datasheet HTML 78Page - NXP Semiconductors FS6408 Datasheet HTML 79Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 111 page
background image
NXP Semiconductors
75
FS6407/FS6408
7.3.11 Status VREG2
Table 36. Status VREG1. Description and configuration of the bits (default value in bold)
ILIM_PRE
Description
Report a current limitation condition on VPRE
0
No current limitation (IPRE_PK < IPRE_LIM)
1
Current limitation (IPRE_PK > IPRE_LIM)
Reset condition
Power On Reset / Read
TWARN_PRE
Description
Report a thermal warning from VPRE
0
No thermal warning (TJ < TWARN_PRE)
1
Thermal warning (TJ > TWARN_PRE)
Reset condition
Power On Reset / Read
BoB
Description
Report a running mode of VPRE
0Buck
1Boost
Reset condition
Power On Reset
VPRE_STATE
Description
Report the activation state of VPRE SMPS
0SMPS OFF
1SMPS ON
Reset condition
Power On Reset
Table 37. STATUS VREG2 register description
Read
bit15
bit14
bit13
bit12
bit11
bit10
bit9
bit8
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
MOSI
00
0
1
101
000
00
000
0
MISO
SPI_G
WU
CAN_
G
Reserve
d
IO_G
Vpre_
G
Vcore_
G
Vother
s_G
Ilim_co
re
Twarn_
core
Vcore_
state
Twarn_
cca
Ilim_cc
a
Ilim_au
x
Ilim_ca
n
0
Table 38. Status VREG2. Description and configuration of the bits (default value in bold)
ILIM_CORE
Description
Report a current limitation condition on VCORE
0
No current limitation (ICORE_PK < ICORE_LIM)
1
Current limitation (ICORE_PK > ICORE_LIM)
Reset condition
Power On Reset / Read
TWARN_CORE
Description
Report a thermal warning from VCORE
0
No thermal warning (TJ < TWARN_CORE)
1
Thermal warning (TJ > TWARN_CORE)
Reset condition
Power On Reset / Read
VCORE_STATE
Description
Report the activation state of VCORE SMPS
0SMPS OFF
1SMPS ON
Reset condition
Power On Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com